Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC4813JP Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza DAC4813JP
Descripción Electrónicos  QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC4813JP Datasheet(HTML) 6 Page - Burr-Brown (TI)

  DAC4813JP Datasheet HTML 1Page - Burr-Brown (TI) DAC4813JP Datasheet HTML 2Page - Burr-Brown (TI) DAC4813JP Datasheet HTML 3Page - Burr-Brown (TI) DAC4813JP Datasheet HTML 4Page - Burr-Brown (TI) DAC4813JP Datasheet HTML 5Page - Burr-Brown (TI) DAC4813JP Datasheet HTML 6Page - Burr-Brown (TI) DAC4813JP Datasheet HTML 7Page - Burr-Brown (TI) DAC4813JP Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
®
DAC4813
6
TYPICAL PERFORMANCE CURVES
T
A = +25°C, VCC = ±15V unless otherwise noted.
Frequency (Hz)
1k
10
100
1k
10k
100k
1M
POWER SUPPLY REJECTION vs
POWER SUPPLY RIPPLE FREQUENCY
100
10
1
0.1
+V
CC
–V
CC
12.0
9.6
7.2
4.8
2.4
0
–2.4
–4.8
–7.2
–9.6
–12.0
–2
02468
Input Voltage (V)
DIGITAL INPUT CURRENT vs INPUT VOLTAGE
EN
X
DB
0-DB11: DAC4813
RESET, LDAC
WR
1
0.5
0
–0.5
–1
–60
–20
20
60
100
140
Temperature (°C)
CHANGE OF GAIN AND OFFSET ERROR
vs TEMPERATURE
0.8
0.4
0
–0.4
–0.8
Gain Error
Bipolar
Offset
Unipolar
Offset
0.5
0
–0.5
000
Input Code (Hexidecimal)
INTEGRAL LINEARITY ERROR
400
800
C00
FFF
15
10
5
0
–5
–10
–15
0
5
10
15
20
25
Time (µs)
± FULL SCALE OUTPUT SWING
WR
V
OUT
+5
0
MAJOR CARRY GLITCH
Time (µs)
250
200
150
100
50
0
–2
02468
10
12
14
+10
0
Data =
7FF
H
Data = 800
H
Data = 7FF
H


Número de pieza similar - DAC4813JP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC4814AP BURR-BROWN-DAC4814AP Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC4814BP BURR-BROWN-DAC4814BP Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC4815 BURR-BROWN-DAC4815 Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
DAC4815AP BURR-BROWN-DAC4815AP Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
More results

Descripción similar - DAC4813JP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC4815 BURR-BROWN-DAC4815 Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
DAC2813 BURR-BROWN-DAC2813 Datasheet
116Kb / 9P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2815 BURR-BROWN-DAC2815 Datasheet
224Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 8-Bit Port Interface
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com