Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD1510SP Datasheet(PDF) 4 Page - LDT Co., Ltd

No. de pieza LD1510SP
Descripción Electrónicos  3Channel Output LED Driver with 12 bit PWM Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LDT [LDT Co., Ltd]
Página de inicio  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1510SP Datasheet(HTML) 4 Page - LDT Co., Ltd

  LD1510SP Datasheet HTML 1Page - LDT Co., Ltd LD1510SP Datasheet HTML 2Page - LDT Co., Ltd LD1510SP Datasheet HTML 3Page - LDT Co., Ltd LD1510SP Datasheet HTML 4Page - LDT Co., Ltd LD1510SP Datasheet HTML 5Page - LDT Co., Ltd LD1510SP Datasheet HTML 6Page - LDT Co., Ltd LD1510SP Datasheet HTML 7Page - LDT Co., Ltd LD1510SP Datasheet HTML 8Page - LDT Co., Ltd LD1510SP Datasheet HTML 9Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Ver3.0
4
LD1510
3Channel Output LED Driver with 12 bit PWM Controller
The LD1510 is specifically designed for LED lighting or display applications. The 3-channel constant
output current is controlled by 3 external resistors (IOUT = 5mA to 100mA). The device consists of 3 x 12
bit shift register, latches, built-in OSC, 3 constant current drivers and 8/12 bit PWM controller.
The main applications are decorative LED lighting, indoor/outdoor LED video or message display systems.
FEATURES
• Output current : set-up at 5mA to 100mA
• 8/12bit grayscale PWM control with three external resistors
• Maximum sinking output voltage : 17V
• 5.0V CMOS compatible input
• Package : SOP16, SSOP16
• Maximum serial input frequency : 10MHz
• Built in internal RC oscillator
DESCRIPTION
PIN DESCRIPTION
PIN CONFIGURATION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DI
CLKI
OSC
MOD
RREX
GREX
BREX
AGND
DO
CLKO
DGND
VDD_R
VCC
ROUT
GOUT
BOUT
Serial clock output terminal
CLKO
15
Serial data output when CLKI is ‘H”, strobe transmit when CLKI is “L”.
DO
16
Digital GND terminal
DGND
14
Regulator output voltage
VDD_R
13
LED driving voltage
VCC
12
Constant current output terminals
B/G/ROUT
9-11
Analog GND terminal
AGND
8
External resistors are connected between those pins and GND for driver
current setting.
R/G/BREX
5-7
Input data transfer mode selection.
L : 8bit luminance data transfer. H : 12bit luminance data transfer
MOD
4
Test only - Floating pin
OSC
3
Serial input clock terminal
CLKI
2
Serial data input terminal
DI
1
DESCRIPTION
PIN NAME
PIN NO
ORDERING INFORMATION
-40°C to 85 °C
16 SOP
LD1510-SP
-40°C to 85 °C
16 SSOP
LD1510-SS
TA
PACKAGE
PART NUMBER


Número de pieza similar - LD1510SP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LDT Co., Ltd
LD1512 LDT-LD1512 Datasheet
1Mb / 39P
   12 Channel Output LED Driver
More results

Descripción similar - LD1510SP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
System Logic Semiconduc...
SL70D0948 SLS-SL70D0948 Datasheet
149Kb / 17P
   48 OUTPUT LED DRIVER / 9 BIT PWM CONTROLLER
logo
LDT Co., Ltd
LD1048C LDT-LD1048C Datasheet
450Kb / 28P
   10 bit PWM Controller 48Channel Output LED Driver
logo
Texas Instruments
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
HPA01054DAPR TI1-HPA01054DAPR Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947 TI1-TLC5947_17 Datasheet
1Mb / 33P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With Internal Oscillator
TLC5947DAPG4 TI-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947 TI-TLC5947_1 Datasheet
1Mb / 27P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947DAPG4 TI1-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com