Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMAJ17A Datasheet(PDF) 3 Page - Leshan Radio Company |
|
SMAJ17A Datasheet(HTML) 3 Page - Leshan Radio Company |
3 / 11 page SMAJ43 CS 43.00 47.80 52.80 1.00 69.40 5.801 SMAJ43A CT 43.00 47.80 52.80 1.00 69.40 5.801 SMAJ45 CU 45.00 50.00 55.30 1.00 72.70 5.501 SMAJ45A CV 45.00 50.00 55.30 1.00 72.70 5.501 SMAJ48 CW 48.00 53.30 58.90 1.00 77.40 5.201 SMAJ48A CX 48.00 53.30 58.90 1.00 77.40 5.201 SMAJ51 CY 51.00 56.70 62.70 1.00 82.40 4.901 SMAJ51A CZ 51.00 56.70 62.70 1.00 82.40 4.901 SMAJ54 RD 54.00 60.00 66.30 1.00 87.10 4.601 SMAJ54A RE 54.00 60.00 66.30 1.00 87.10 4.601 SMAJ58 RF 58.00 64.40 71.20 1.00 93.60 4.301 SMAJ58A RG 58.00 64.40 71.20 1.00 93.60 4.301 SMAJ60 RH 60.00 66.70 73.70 1.00 96.80 4.101 SMAJ60A RK 60.00 66.70 73.70 1.00 96.80 4.101 SMAJ64 RL 64.00 71.10 78.60 1.00 103.00 3.901 SMAJ64A RM 64.00 71.10 78.60 1.00 103.00 3.901 SMAJ70 RN 70.00 77.80 86.00 1.00 113.00 3.501 SMAJ70A RP 70.00 77.80 86.00 1.00 113.00 3.501 SMAJ75 RQ 75.00 83.30 92.10 1.00 121.00 3.301 SMAJ75A RR 75.00 83.30 92.10 1.00 121.00 3.301 SMAJ78 RS 78.00 86.70 95.80 1.00 126.00 3.201 SMAJ78A RT 78.00 86.70 95.80 1.00 126.00 3.201 SMAJ85 RU 85.00 94.40 104.00 1.00 137.00 2.901 SMAJ85A RV 85.00 94.40 104.00 1.00 137.00 2.901 SMAJ90 RW 90.00 100.00 111.00 1.00 146.00 2.701 SMAJ90A RX 90.00 100.00 111.00 1.00 146.00 2.701 SMAJ100 RY 100.00 111.00 123.00 1.00 162.00 2.501 SMAJ100A RZ 100.00 111.00 123.00 1.00 162.00 2.501 SMAJ110 SD 110.00 122.00 135.00 1.00 177.00 2.301 SMAJ110A SE 110.00 122.00 135.00 1.00 177.00 2.301 SMAJ120 SF 120.00 133.00 147.00 1.00 193.00 2.101 SMAJ120A SG 120.00 133.00 147.00 1.00 193.00 2.101 SMAJ130 SH 130.00 144.00 159.00 1.00 209.00 1.901 SMAJ130A SK 130.00 144.00 159.00 1.00 209.00 1.901 SMAJ150 SL 150.00 167.00 185.00 1.00 243.00 1.601 SMAJ150A SM 150.00 167.00 185.00 1.00 243.00 1.601 SMAJ160 SN 160.00 178.00 197.00 1.00 259.00 1.501 SMAJ160A SP 160.00 178.00 197.00 1.00 259.00 1.501 SMAJ170 SQ 170.00 189.00 209.00 1.00 275.00 1.501 SMAJ170A SR 170.00 189.00 209.00 1.00 275.00 1.501 SMAJ180A ST 180.00 198.00 221.00 1.00 291.00 1.401 SMAJ190A SV 190.00 209.00 233.00 1.00 307.00 1.301 SMAJ200A SX 200.00 220.00 246.00 1.00 324.00 1.301 SMAJ220A SY 220.00 246.00 272.00 1.00 356.00 1.201 SMAJ250A SZ 250.00 279.00 309.00 1.00 405.00 1.001 For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. For parts without A , the VBR is + 10% SMAJ*** Series |
Número de pieza similar - SMAJ17A |
|
Descripción similar - SMAJ17A |