Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


STD123AS Datasheet(Hoja de datos) 1 Page - KODENSHI KOREA CORP.

No. de Pieza. STD123AS
Descripción  NPN Silicon Transistor
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KODENSHI [KODENSHI KOREA CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo 

   
 1 page
background image
KSD-T5C016-002
1
STD123AS
NPN Silicon Transistor
PIN Connection
SOT-23
Features
• High β& low saturation transistor.
• hFE=400 Min. @VCE=1V, Ic=100mA
• Suitable for large current drive directly.
• Application for IRED Drive transistor in
remote transmitter.
Ordering Information
Type NO.
Marking
Package Code
STD123AS
12A □
SOT-23
Device Code ②Year&Week Code
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
10
V
Collector-Emitter voltage
VCEO
6
V
Emitter-Base voltage
VEBO
3
V
Collector current
IC
1
A
Collector power dissipation
*PC
350
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
* : Package mounted on 99.5% alumina 10
×8×0.1mm
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=50μA, IE=0
10
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IB=0
6
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=50μA, IC=0
3
-
-
V
Collector cut-off current
ICBO
VCB=10V, IE=0
-
-
0.1
μA
Emitter cut-off current
IEBO
VEB=3V, IC=0
-
-
0.1
μA
DC current gain
hFE
VCE=1V, IC=100mA
400
-
-
-
Collector-Emitter saturation voltage
VCE(sat)
IC=500mA, IB=50mA
-
0.1
0.3
V
Transition frequency
fT
VCE=5V, IC=50mA
-
260
-
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
5
-
pF
On resistance
RON
f=1KHz, IB=1mA, VIN=0.3V
-
0.6
-
Ω




Html Pages

1  2  3  4 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl