Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD123S Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

No. de pieza STD123S
Descripción Electrónicos  NPN Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KODENSHI [KODENSHI_AUK CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STD123S Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  STD123S Datasheet HTML 1Page - KODENSHI_AUK CORP. STD123S Datasheet HTML 2Page - KODENSHI_AUK CORP. STD123S Datasheet HTML 3Page - KODENSHI_AUK CORP. STD123S Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T5C034-001
1
STD123S
NPN Silicon Transistor
SOT-23
PIN Connection
Features
• Low saturation medium current application
• Extremely low collector saturation voltage
• Suitable for low voltage large current drivers
• High DC current gain and large current capability
• Low on resistance : RON=0.6Ω(Max.) (IB=1mA)
Ordering Information
Device Code ② Year&Week Code
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
20
V
Collector-Emitter voltage
VCEO
15
V
Emitter-Base voltage
VEBO
6.5
V
Collector current
IC
1
A
Collector dissipation
PC*
350
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
* : Package mounted on 99.5% alumina 10
×8×0.1mm
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=50μA, IE=0
20
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IB=0
15
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=50μA, IC=0
6.5
-
-
V
Collector cut-off current
ICBO
VCB=20V, IE=0
-
-
0.1
μA
Emitter cut-off current
IEBO
VEB=6V, IC=0
-
-
0.1
μA
DC current gain
hFE
VCE=1V, IC=100mA
150
-
-
-
Collector-Emitter saturation voltage
VCE(sat)
IC=500mA, IB=50mA
-
0.1
0.3
V
Transistor frequency
fT
VCE=5V, IC=50mA
-
260
-
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
5
-
pF
On resistance
RON
f=1KHz, IB=1mA, VIN=0.3V
-
0.6
-
Ω
B
E
C
Type No.
Marking
Package Code
STD123S
123 □
SOT-23


Número de pieza similar - STD123S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
STD123S AUK-STD123S Datasheet
70Kb / 3P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STD123S KODENSHI-STD123S Datasheet
252Kb / 4P
   NPN Silicon Transistor
logo
Shenzhen Jin Yu Semicon...
STD123S HTSEMI-STD123S Datasheet
944Kb / 2P
   TRANSISTOR(NPN)
logo
Jiangsu Changjiang Elec...
STD123S JIANGSU-STD123S Datasheet
836Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
STD123S DGNJDZ-STD123S Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results

Descripción similar - STD123S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com