Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAS-1300 Datasheet(PDF) 3 Page - Level One

No. de pieza CAS-1300
Descripción Electrónicos  Megapixel 1/3??CCD high-definition (HD) resolution 2.8 ~ 8.5 mm adjustable Vari-focal length for wide angle surveillance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LVL1 [Level One]
Página de inicio  http://www.level1.com/
Logo LVL1 - Level One

CAS-1300 Datasheet(HTML) 3 Page - Level One

  CAS-1300 Datasheet HTML 1Page - Level One CAS-1300 Datasheet HTML 2Page - Level One CAS-1300 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
All mentioned brand names are registered trademarks and property of their owners.
Copyright © Digital Data Communications GmbH, Germany. All Rights Reserved.
www.level1.com
Page 3 of 3


Número de pieza similar - CAS-1300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Level One
CAS-1101 LVL1-CAS-1101 Datasheet
167Kb / 2P
   5~50mm Vari-Focal Day/Night Lens
CAS-1200 LVL1-CAS-1200 Datasheet
174Kb / 2P
   3~8mm Vari-Focal Lens
logo
List of Unclassifed Man...
CAS-120A ETC1-CAS-120A Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
Copal Electronics
CAS-120A COPAL-CAS-120A Datasheet
961Kb / 6P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120A1 ETC1-CAS-120A1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
More results

Descripción similar - CAS-1300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Level One
CAS-1400 LVL1-CAS-1400 Datasheet
286Kb / 3P
   2-Megapixel (1600 x 1200) high-definition resolution 2.8 ~ 12 mm adjustable Vari-focal length for wide angle surveillance
FCS-3091 LVL1-FCS-3091 Datasheet
515Kb / 6P
   2-Megapixel (1600 x 1200) high-definition resolution Offers various 360째/180째 video modes for panoramic wide-angle surveillance
CAS-1200 LVL1-CAS-1200 Datasheet
174Kb / 2P
   3~8mm Vari-Focal Lens
FCS-3101 LVL1-FCS-3101 Datasheet
454Kb / 5P
   2-Megapixel (1920 x 1080) high-definition resolution Removable IR-cut filter for day and night surveillance
FCS-3052 LVL1-FCS-3052 Datasheet
532Kb / 6P
   3-Megapixel (2032x1536) high-definition resolution Built-in infrared LEDs for night viewing up to 10m
CAS-1101 LVL1-CAS-1101 Datasheet
167Kb / 2P
   5~50mm Vari-Focal Day/Night Lens
FCS-5052 LVL1-FCS-5052 Datasheet
442Kb / 6P
   3-Megapixel (2032x1536) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
FCS-1132 LVL1-FCS-1132 Datasheet
386Kb / 5P
   3-Megapixel (2032x1536) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
logo
OmniVision Technologies...
OS08A20 OMNIVISION-OS08A20 Datasheet
1Mb / 2P
   High Resolution 8-Megapixel PureCel
logo
Level One
FCS-5061 LVL1-FCS-5061 Datasheet
349Kb / 6P
   5-Megapixel (2592 x 1944) high-definition resolution Weatherproof IP66-rated with wide operating temperature (-40째C to 50째C) for harsh environments
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com