Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

GNC-0105T Datasheet(PDF) 2 Page - Level One

No. de Pieza. GNC-0105T
Descripción  10/100/1000Mbps wire speed transmission and reception IEEE 802.3x Flow Control protects against lost packets for reliable data transmission
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  LVL1 [Level One]
Página de inicio  http://www.level1.com/
Logo 

GNC-0105T Datasheet(HTML) 2 Page - Level One

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Related Product
GSW-0807
8-Port Gigabit Switch
WGR-6013
300Mbps Wireless Gigabit Router
Specifications
System Specifications
Connectors and Cabling:
1x 10/100/1000Base-T RJ-45 Port
32-bit 33/66Mhz PCI Rev.2.1/2.2
Indicator:
1000/100/10Mbps, Link/Activity
Standards & Protocols:
IEEE 802.3 10-BASE-T, Ethernet
IEEE 802.3u 100-BASE-TX, Fast Ethernet
IEEE 802.3ab 1000BASE-T, Gigabit Ethernet
IEEE 802.3x Full-duplex Flow Control
IEEE 802.1P Priority Queuing
IEEE 802.1Q Virtual LANs (VLANs)
Features
General:
Network Cable and maximum Length:
Ethernet: 2 pair UTP Cat. 3,4,5 EIA/TIA-568 100-ohm screened twisted-pair (STP)
Fast Ethernet: 2 pair UTP Cat. 5 EIA/TIA-568 100-ohm screened twisted-pair (STP)
Gigabit Ethernet: 4 pair UTP Cat. 3,4,5 EIA/TIA-568 100-ohm screened twisted-pair (STP)
Performance
Data Transfer Rate:
Ethernet: 10Mbps half-duplex, 20Mbps full-duplex
Fast Ethernet: 100Mbps half-duplex, 200Mbps full-duplex
Gigabit Ethernet: 1000Mbps half-duplex, 2000Mbps full-duplex
Environment
Temperature (°C):
Operating: 0°C ~ 45°C
Humidity (Non-condensing):
Operating: 10% ~ 95%
Physical Specifications
Dimensions (W x D x H mm):
121 x 45 mm
Weight (g):
www.level1.com
Page 2 of 4


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn