Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OPA650 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza OPA650
Descripción Electrónicos  Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA650 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA650 Datasheet HTML 2Page - Burr-Brown (TI) OPA650 Datasheet HTML 3Page - Burr-Brown (TI) OPA650 Datasheet HTML 4Page - Burr-Brown (TI) OPA650 Datasheet HTML 5Page - Burr-Brown (TI) OPA650 Datasheet HTML 6Page - Burr-Brown (TI) OPA650 Datasheet HTML 7Page - Burr-Brown (TI) OPA650 Datasheet HTML 8Page - Burr-Brown (TI) OPA650 Datasheet HTML 9Page - Burr-Brown (TI) OPA650 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
®
OPA650
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±5V, RL = 100Ω, and RFB = 402Ω, unless otherwise noted. RFB = 25Ω for Gain of +1.
HARMONIC DISTORTION vs FREQUENCY
(G = +1, V
O = 2Vp-p, RL = 100Ω)
Frequency (Hz)
–40
–50
–60
–70
–80
–90
100k
10M
1M
100M
3f
O
2f
O
HARMONIC DISTORTION vs TEMPERATURE
(f
O = 5MHz, VO = 2Vp-p, G = +1)
–50
–60
–70
–80
–90
–60
–40
–20
0
20
40
60
80
3f
O
2f
O
100
Temperature (°C)
5MHz HARMONIC DISTORTION
vs OUTPUT SWING
Output Swing (Vp-p)
–60
–70
–80
–90
–100
0.1
1
10
3f
O
2f
O
G = +2
10MHz HARMONIC DISTORTION
vs OUTPUT SWING
Output Swing (Vp-p)
–50
–60
–70
–80
–90
0.1
1
10
3f
O
2f
O
OPEN-LOOP GAIN AND PHASE
vs FREQUENCY
60
50
40
30
20
10
0
+45
0
–45
–90
–135
–180
–225
1k
10k
100k
1M
10M
100M
1G
Frequency (Hz)
Phase
Gain
CLOSED LOOP BANDWIDTH (G = +10)
Frequency (Hz)
1M
10M
100M
1G
SO-8/DIP Bandwidth = 18MHz
26
23
20
17
14
11
8
5
2


Número de pieza similar - OPA650

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
OPA650 TI1-OPA650 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA650N TI1-OPA650N Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA650N-250 TI1-OPA650N-250 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA650N-3K TI1-OPA650N-3K Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
More results

Descripción similar - OPA650

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA651 BURR-BROWN-OPA651 Datasheet
146Kb / 11P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA4650 BURR-BROWN-OPA4650 Datasheet
235Kb / 13P
   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4650 TI1-OPA4650 Datasheet
185Kb / 14P
[Old version datasheet]   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com