Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TD0105A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TD0105A
Descripción Electrónicos  915MHz Tow-Port Saw Resonator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TD0105A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TD0105A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TD0105A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TD0105A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TD0105A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
2.TAPE DIMENSION
Ao=5.30+/-1 mm
Bo=5.30+0.2/-0.0 mm
Ko=2.0+/-0.1mm


Número de pieza similar - TD0105A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TD0102A TAI-SAW-TD0102A Datasheet
234Kb / 3P
   SAW Resonator 433.92 MHz TO-39
TD0103A TAI-SAW-TD0103A Datasheet
318Kb / 4P
   Two-Port SAW Resonator 433.92MHz SMD5X5mm
logo
Golledge Electronics Lt...
TD0103A GOLLEDGE-TD0103A Datasheet
291Kb / 4P
   SAW Resonator 433.920MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TD0106A TAI-SAW-TD0106A Datasheet
345Kb / 4P
   SAW Resonator 915 MHz SMD 5X5 mm
logo
Golledge Electronics Lt...
TD0106A GOLLEDGE-TD0106A Datasheet
165Kb / 4P
   915.0MHz SAW Resonator
More results

Descripción similar - TD0105A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FR0360M00-DD17 ETC1-FR0360M00-DD17 Datasheet
114Kb / 5P
   One-port SAW Resonator
logo
Transko Electronics, In...
TR622BM TRANSKO-TR622BM Datasheet
337Kb / 3P
   1-Port SAW Resonator
Revision 0: June 2008
TR915AK TRANSKO-TR915AK Datasheet
358Kb / 3P
   1-Port SAW Resonator
Revision0: July 2008
logo
ECS, Inc.
ECS-DR1 ECS-ECS-DR1 Datasheet
183Kb / 1P
   ONE-PORT SAW RESONATOR
logo
Advanced Crystal Techno...
ACTR4024 ACT-ACTR4024 Datasheet
233Kb / 5P
   One Port Saw Resonator
2-6-2011
logo
Golledge Electronics Lt...
MP01408 GOLLEDGE-MP01408 Datasheet
300Kb / 5P
   SAW Filter 915MHz
MP02291 GOLLEDGE-MP02291 Datasheet
109Kb / 6P
   SAW Filter 915MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1423B TAI-SAW-TA1423B Datasheet
282Kb / 8P
   SAW Filter 915MHz
TA1102A TAI-SAW-TA1102A Datasheet
383Kb / 9P
   SAW Filter 915MHz
logo
Golledge Electronics Lt...
MA07074 GOLLEDGE-MA07074 Datasheet
142Kb / 3P
   One-Port SAW Resonator 315.0MHz
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com