Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4003S Datasheet(PDF) 1 Page - Bytes

No. de pieza 1N4003S
Descripción Electrónicos  1.0 AMP SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BYTES [Bytes]
Página de inicio  
Logo BYTES - Bytes

1N4003S Datasheet(HTML) 1 Page - Bytes

  1N4003S Datasheet HTML 1Page - Bytes 1N4003S Datasheet HTML 2Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0 AMP SILICON RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=75 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
1N4001S 1N4002S 1N4003S 1N4004S 1N4005S 1N4006S 1N4007S
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.0
30
5.0
50
15
-65
+150
V
A
V
µA
µA
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient .375" (9.5mm) lead length.
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.22 grams
1N4001S
1N4007S
THRU
1.0
Typical Thermal Resistance R JA (Note 2)
θ
50
*
A-405
Dimensions in inches and (millimeters)
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.0 Ampere
* Low forward voltage drop
* Low leakage current
* High reliability
* High current capability
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.166(4.2)
.025(.6)
.021(.5)
DIA.
.107(2.7)
.080(2.0)
DIA.
A
Operating and Storage Temperature Range T , T
J
STG
C
C/W


Número de pieza similar - 1N4003S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
1N4003S DIOTEC-1N4003S Datasheet
129Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Pan Jit International I...
1N4003S PANJIT-1N4003S Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
1N4003S PANJIT-1N4003S Datasheet
67Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4003S TSC-1N4003S Datasheet
198Kb / 4P
   Silicon Rectifiers
logo
First Silicon Co., Ltd
1N4003S FS-1N4003S Datasheet
597Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
More results

Descripción similar - 1N4003S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
1N4001 TSC-1N4001_1 Datasheet
236Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Bytes
1A1 BYTES-1A1 Datasheet
150Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001S TSC-1N4001S_10 Datasheet
519Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Nanjing International G...
EM513 DGNJDZ-EM513 Datasheet
236Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Bytes
BY127M BYTES-BY127M Datasheet
151Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
List of Unclassifed Man...
204-1N400X ETC2-204-1N400X Datasheet
64Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Nanjing International G...
EM516 DGNJDZ-EM516 Datasheet
236Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
1A1 SECOS-1A1_15 Datasheet
744Kb / 2P
   1.0 AMP Silicon Rectifiers
logo
UNIOHM CORPORATION
1N4001 UNIOHM-1N4001 Datasheet
65Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Daya Electric Group Co....
1N4001 DAYA-1N4001 Datasheet
264Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Nanjing International G...
1N4001S DGNJDZ-1N4001S Datasheet
273Kb / 2P
   1.0 AMP SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com