Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N5759 Datasheet(PDF) 1 Page - Savantic, Inc.

No. de pieza 2N5759
Descripción Electrónicos  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAVANTIC [Savantic, Inc.]
Página de inicio  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2N5759 Datasheet(HTML) 1 Page - Savantic, Inc.

  2N5759 Datasheet HTML 1Page - Savantic, Inc. 2N5759 Datasheet HTML 2Page - Savantic, Inc. 2N5759 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2N5758 2N5759 2N5760
DESCRIPTION
·With TO-3 package
·Low collector saturation voltage
·Excellent safe operating area
APPLICATIONS
·For use in high power audio amplifier
applications and high voltage switching
regulator circuits
PINNING
PIN
DESCRIPTION
1
Base
2
Emitter
3
Collector
Absolute maximum ratings(Ta= )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
2N5758
100
2N5759
120
VCBO
Collector-base voltage
2N5760
Open emitter
140
V
2N5758
100
2N5759
120
VCEO
Collector-emitter voltage
2N5760
Open base
140
V
VEBO
Emitter-base voltage
Open collector
7
V
IC
Collector current
6
A
ICM
Collector current-peak
10
A
IB
Base current
4
A
PD
Total Power Dissipation
TC=25
150
W
Tj
Junction temperature
150
Tstg
Storage temperature
-65~200
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal resistance junction to case
1.17
/W
Fig.1 simplified outline (TO-3) and symbol


Número de pieza similar - 2N5759

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
2N5759 SEME-LAB-2N5759 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
logo
List of Unclassifed Man...
2N5759 ETC1-2N5759 Datasheet
93Kb / 2P
   COLLECTOR CURRENT = 10 AMPS NPN TYPES
logo
Savantic, Inc.
2N5759 SAVANTIC-2N5759 Datasheet
114Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N5759 JMNIC-2N5759 Datasheet
135Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2N5759 ISC-2N5759 Datasheet
131Kb / 3P
   Silicon NPN Power Transistors
More results

Descripción similar - 2N5759

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com