Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRL530NLPBF Datasheet(PDF) 3 Page - International Rectifier

No. de pieza IRL530NLPBF
Descripción Electrónicos  Adavanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRL530NLPBF Datasheet(HTML) 3 Page - International Rectifier

  IRL530NLPBF Datasheet HTML 1Page - International Rectifier IRL530NLPBF Datasheet HTML 2Page - International Rectifier IRL530NLPBF Datasheet HTML 3Page - International Rectifier IRL530NLPBF Datasheet HTML 4Page - International Rectifier IRL530NLPBF Datasheet HTML 5Page - International Rectifier IRL530NLPBF Datasheet HTML 6Page - International Rectifier IRL530NLPBF Datasheet HTML 7Page - International Rectifier IRL530NLPBF Datasheet HTML 8Page - International Rectifier IRL530NLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRL530NS/LPbF
www.irf.com
3


Número de pieza similar - IRL530NLPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRL530NLPBF IRF-IRL530NLPBF Datasheet
465Kb / 11P
   HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.10廓 , ID=17A )
More results

Descripción similar - IRL530NLPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7205TRPBF IRF-IRF7205TRPBF Datasheet
278Kb / 9P
   Adavanced Process Technology
IRF7204TRPBF IRF-IRF7204TRPBF Datasheet
249Kb / 9P
   Adavanced Process Technology
IRF7103TRPBF IRF-IRF7103TRPBF Datasheet
309Kb / 10P
   adavanced process technology
IRF103IPBF IRF-IRF103IPBF Datasheet
309Kb / 9P
   Adavanced Process Technology
IRF7101TRPBF IRF-IRF7101TRPBF Datasheet
281Kb / 9P
   Adavanced Process Technology
logo
Alliance Semiconductor ...
AS6C8016A ALSC-AS6C8016A Datasheet
469Kb / 12P
   Process Technology
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com