Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF6616PBF Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRF6616PBF
Descripción Electrónicos  RoHS compliant containing no lead or bormide
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF6616PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF6616PBF Datasheet HTML 1Page - International Rectifier IRF6616PBF Datasheet HTML 2Page - International Rectifier IRF6616PBF Datasheet HTML 3Page - International Rectifier IRF6616PBF Datasheet HTML 4Page - International Rectifier IRF6616PBF Datasheet HTML 5Page - International Rectifier IRF6616PBF Datasheet HTML 6Page - International Rectifier IRF6616PBF Datasheet HTML 7Page - International Rectifier IRF6616PBF Datasheet HTML 8Page - International Rectifier IRF6616PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.irf.com
IRF6616PbF
 Pulse width ≤ 400µs; duty cycle ≤ 2%.
‚ Repetitive rating; pulse width limited by max. junction temperature.
Notes:
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
37
–––
mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
3.7
5.0
m
–––
4.6
6.2
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.25
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-5.5
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
75
–––
–––
S
Qg
Total Gate Charge
–––
29
44
Qgs1
Pre-Vth Gate-to-Source Charge
–––
8.6
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
2.4
–––
nC
Qgd
Gate-to-Drain Charge
–––
9.4
–––
Qgodr
Gate Charge Overdrive
–––
8.6
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
12
–––
Qoss
Output Charge
–––
15
–––
nC
RG
Gate Resistance
–––
1.3
–––
td(on)
Turn-On Delay Time
–––
15
–––
tr
Rise Time
–––
19
–––
td(off)
Turn-Off Delay Time
–––
21
–––
ns
tf
Fall Time
–––
4.4
–––
Ciss
Input Capacitance
–––
3765
–––
Coss
Output Capacitance
–––
560
–––
pF
Crss
Reverse Transfer Capacitance
–––
285
–––
Diode Characteristics
Parameter
Min.
Typ.
Max. Units
IS
Continuous Source Current
–––
–––
110
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
150
(Body Diode)Ãd
VSD
Diode Forward Voltage
–––
0.8
1.0
V
trr
Reverse Recovery Time
–––
15
23
ns
Qrr
Reverse Recovery Charge
–––
33
50
nC
MOSFET symbol
Clamped Inductive Load
VDS = 20V, ID = 15A
Conditions
ƒ = 1.0MHz
VDS = 16V, VGS = 0V
VGS = 20V
VGS = -20V
VDS = 32V, VGS = 0V
VDS = 20V
VDS = 32V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 19A ™
VGS = 4.5V, ID = 15A ™
VDS = VGS, ID = 250µA
TJ = 25°C, IF = 15A
VGS = 4.5V
ID = 15A
VGS = 0V
VDS = 20V
ID = 15A
VDD = 16V, VGS = 4.5VÙ
di/dt = 500A/µs ™
TJ = 25°C, IS = 15A, VGS = 0V ™
showing the
integral reverse
p-n junction diode.


Número de pieza similar - IRF6616PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6616PBF IRF-IRF6616PBF Datasheet
282Kb / 10P
   RoHS compliant containing no lead or bormide
IRF6616PBF IRF-IRF6616PBF_15 Datasheet
282Kb / 10P
   RoHS compliant containing no lead or bormide
More results

Descripción similar - IRF6616PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6616PBF IRF-IRF6616PBF_15 Datasheet
282Kb / 10P
   RoHS compliant containing no lead or bormide
IRF6616TR1PBF IRF-IRF6616TR1PBF Datasheet
282Kb / 10P
   RoHS compliant containing no lead or bormide
IRF6626TR1 IRF-IRF6626TR1 Datasheet
641Kb / 10P
   RoHS compliant containing no lead or bromide
IRF6611TR1 IRF-IRF6611TR1 Datasheet
260Kb / 10P
   RoHS compliant containing no lead or bromide
IRF6655TR1 IRF-IRF6655TR1 Datasheet
271Kb / 11P
   RoHS compliant containing no lead or bromide 
IRF6646TR1 IRF-IRF6646TR1 Datasheet
657Kb / 10P
   RoHS compliant containing no lead or bromide
IRF6713STR1PBF IRF-IRF6713STR1PBF Datasheet
236Kb / 9P
   ROHS Compliant Containing No Lead and Bromide
IRF8308MTRPBF IRF-IRF8308MTRPBF Datasheet
277Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MTRPBF IRF-IRF6894MTRPBF Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MPBF IRF-IRF6894MPBF_15 Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com