Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF6636PBF Datasheet(PDF) 5 Page - International Rectifier

No. de pieza IRF6636PBF
Descripción Electrónicos  DirectFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF6636PBF Datasheet(HTML) 5 Page - International Rectifier

  IRF6636PBF Datasheet HTML 1Page - International Rectifier IRF6636PBF Datasheet HTML 2Page - International Rectifier IRF6636PBF Datasheet HTML 3Page - International Rectifier IRF6636PBF Datasheet HTML 4Page - International Rectifier IRF6636PBF Datasheet HTML 5Page - International Rectifier IRF6636PBF Datasheet HTML 6Page - International Rectifier IRF6636PBF Datasheet HTML 7Page - International Rectifier IRF6636PBF Datasheet HTML 8Page - International Rectifier IRF6636PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRF6636PbF
www.irf.com
5
Fig 13. Threshold Voltage vs. Temperature
Fig 12. Maximum Drain Current vs. Case Temperature
Fig 10. Typical Source-Drain Diode Forward Voltage
Fig11. Maximum Safe Operating Area
Fig 14. Maximum Avalanche Energy vs. Drain Current
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
ID = 50µA
25
50
75
100
125
150
TC , Case Temperature (°C)
0
10
20
30
40
50
60
70
80
90
0.01
0.10
1.00
10.00
100.00
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY RDS(on)
TA = 25°C
TJ = 150°C
Single Pulse
100µsec
1msec
10msec
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
VSD, Source-to-Drain Voltage (V)
0
1
10
100
1000
TJ = 150°C
TJ = 25°C
TJ = -40°C
VGS = 0V
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
20
40
60
80
100
120
ID
TOP
6.4A
9.8A
BOTTOM 14A


Número de pieza similar - IRF6636PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6636PBF IRF-IRF6636PBF Datasheet
288Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6636PBF IRF-IRF6636PBF_15 Datasheet
288Kb / 10P
   Ideal for CPU Core DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com