Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF6710S2TR1PBF Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRF6710S2TR1PBF
Descripción Electrónicos  DirectFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF6710S2TR1PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF6710S2TR1PBF Datasheet HTML 1Page - International Rectifier IRF6710S2TR1PBF Datasheet HTML 2Page - International Rectifier IRF6710S2TR1PBF Datasheet HTML 3Page - International Rectifier IRF6710S2TR1PBF Datasheet HTML 4Page - International Rectifier IRF6710S2TR1PBF Datasheet HTML 5Page - International Rectifier IRF6710S2TR1PBF Datasheet HTML 6Page - International Rectifier IRF6710S2TR1PBF Datasheet HTML 7Page - International Rectifier IRF6710S2TR1PBF Datasheet HTML 8Page - International Rectifier IRF6710S2TR1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
03/16/10
IRF6710S2TRPbF
IRF6710S2TR1PbF
DirectFET
™ Power MOSFET ‚
Applicable DirectFET Outline and Substrate Outline

Typical values (unless otherwise specified)
DirectFET
™ ISOMETRIC
S1
l RoHS Compliant Containing No Lead and Halogen Free

l Low Profile (<0.7 mm)
l Dual Sided Cooling Compatible

l Ultra Low Package Inductance
l Optimized for High Frequency Switching

l Ideal for CPU Core DC-DC Converters
l Optimized for Control FET Application

l Compatible with existing Surface Mount Techniques

l 100% Rg tested
Description
The IRF6710S2TRPbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to
achieve improved performance in a package that has the footprint of a MICRO-8 and only 0.7 mm profile. The DirectFET package is
compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection
soldering techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET pack-
age allows dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%.
The IRF6710S2TRPbF has low gate resistance and low charge along with ultra low package inductance providing significant reduction in
switching losses. The reduced losses make this product ideal for high efficiency DC-DC converters that power the latest generation of
processors operating at higher frequencies. The IRF6710S2TRPbF has been optimized for the control FET socket of synchronous buck
operating from 12 volt bus converters.
Fig 1. Typical On-Resistance vs. Gate Voltage
Fig 2. Typical Total Gate Charge vs Gate-to-Source Voltage
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
† Starting TJ = 25°C, L = 0.49mH, RG = 25Ω, IAS = 10A.
Notes:
0
4
8
12
162024
QG Total Gate Charge (nC)
0
2
4
6
8
10
12
VDS= 20V
VDS= 13V
ID= 10A
Qg tot
Qgd
Qgs2
Qrr
Qoss Vgs(th)
8.8nC
3.0nC
1.3nC
8.0nC
4.4nC
1.8V
2.0
4.0 6.0
8.0 10.0 12.0 14.0 16.0 18.0
VGS, Gate-to-Source Voltage (V)
0
5
10
15
20
TJ = 25°C
TJ = 125°C
ID = 12A
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
e
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
e
A
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
f
IDM
Pulsed Drain Current
g
EAS
Single Pulse Avalanche Energy
h
mJ
IAR
Avalanche Current
Ãg
A
24
Max.
10
37
100
±20
25
12
10
VDSS
VGS
RDS(on)
RDS(on)
25V max ±20V max 4.5m
Ω@ 10V 9.0mΩ@ 4.5V
S1
S2
SB
M2
M4
L4
L6
L8
PD - 97124D


Número de pieza similar - IRF6710S2TR1PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6710S2TR1PBF IRF-IRF6710S2TR1PBF Datasheet
307Kb / 10P
   RoHS Compliant Containing No Lead and Halogen Free
More results

Descripción similar - IRF6710S2TR1PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
   DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
IRF6711SPBF IRF-IRF6711SPBF Datasheet
308Kb / 9P
   DirectFETPower MOSFET
IRF6718L2TRPBF IRF-IRF6718L2TRPBF Datasheet
236Kb / 10P
   DirectFETPower MOSFET
IRF7738L2PBF IRF-IRF7738L2PBF Datasheet
285Kb / 10P
   DirectFETPower MOSFET
AUIRL7732S2 IRF-AUIRL7732S2 Datasheet
221Kb / 11P
   DirectFETPower MOSFET
IRF6613PBF IRF-IRF6613PBF Datasheet
241Kb / 9P
   DirectFETPower MOSFET
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
   DirectFETPower MOSFET
AUIRF7640S2TR IRF-AUIRF7640S2TR Datasheet
309Kb / 11P
   DirectFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com