Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF8301MTRPBF Datasheet(PDF) 10 Page - International Rectifier

No. de pieza IRF8301MTRPBF
Descripción Electrónicos  DirectFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF8301MTRPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRF8301MTRPBF Datasheet HTML 2Page - International Rectifier IRF8301MTRPBF Datasheet HTML 3Page - International Rectifier IRF8301MTRPBF Datasheet HTML 4Page - International Rectifier IRF8301MTRPBF Datasheet HTML 5Page - International Rectifier IRF8301MTRPBF Datasheet HTML 6Page - International Rectifier IRF8301MTRPBF Datasheet HTML 7Page - International Rectifier IRF8301MTRPBF Datasheet HTML 8Page - International Rectifier IRF8301MTRPBF Datasheet HTML 9Page - International Rectifier IRF8301MTRPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRF8301MTRPbF
www.irf.com © 2013 International Rectifier
September 6, 2013
10
DirectFET
™ Tape & Reel Dimension (Showing component orientation).
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
LOADED TAPE FEED DIRECTION
MIN
7.90
3.90
11.90
5.45
5.10
6.50
1.50
1.50
NOTE: CONTROLLING
DIMENSIONS IN MM
CODE
A
B
C
D
E
F
G
H
MAX
8.10
4.10
12.30
5.55
5.30
6.70
N.C
1.60
MIN
0.311
0.154
0.469
0.215
0.201
0.256
0.059
0.059
MAX
0.319
0.161
0.484
0.219
0.209
0.264
N.C
0.063
DIMENSIONS
METRIC
IMPERIAL
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
NOTE: Controlling dimensions in mm
Std reel quantity is 4800 parts. (ordered as IRF6726MTRPBF). For 1000 parts on 7"
l
d
IRF6726MTR1PBF
IRF8301MTRPbF
hGi
hÄy
hGi
hÄy
Ä
i 
i 

i 
i 

$
i 
i 
(
i 
i 
8i 
i 
9
D
h(dG
Gh‡(GÄb
((bÃ$Gh(i”Gui”
”dÄi$Đ$Ãu‡dGuià ‰dzÃ
u$(
Date
Comments
09/05/2013
•ÃAdded the StrongIRFET logo on the top of the part number, on page 1.
Revision History


Número de pieza similar - IRF8301MTRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF8301MPBF IRF-IRF8301MPBF Datasheet
344Kb / 10P
   Ultra-low Package Inductance
IRF8301MPBF IRF-IRF8301MPBF_15 Datasheet
344Kb / 10P
   Ultra-low Package Inductance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com