Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


GS260-6S Datasheet(Hoja de datos) 3 Page - MTU Onsite Energy Corporation

No. de Pieza. GS260-6S
Descripción  GAS GENERATOR SET
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MTU [MTU Onsite Energy Corporation]
Página de inicio  http://www.mtuonsiteenergy.com
Logo 

   
 3 page
background image
3
///  /
GS260-6S
// 
Engine
Manufacturer
Doosan
Model
14.6L CAC
Type
4-Cycle
Arrangement
8-V
Displacement: L (in3)
14.6 (892)
Bore: cm (in)
12.8 (5.04)
Stroke: cm (in)
14.2 (5.59)
Compression Ratio
10.5:1
Rated RPM
1,800
Engine Governor
Bosch
Maximum Power (NG): kWm (bhp)
300 (402)
Maximum Power (LP): kWm (bhp)
189 (253)
Speed Regulation
±0.5%
Air Cleaner
Dry
// 
Liquid Capacity (Lubrication)
Total Oil System: L (gal)
38.1 (10.1)
Engine Jacket Water Capacity: L (gal)
43.2 (9.5)
System Coolant Capacity: L (gal)
227 (50)
// 
Electrical
Electric Volts DC
24
Cold Cranking Amps Under -17.8°C (0 °F)
1,050
// 
Fuel Inlet
Fuel Supply Connection Size
3” NPT
Fuel Supply Pressure: mm H
20 (in. H20)
178–279 (7–11)
// 
Fuel Consumption (NG-1000 BTU/ft3 / LP-2500 BTU/ft3)
NG
LPG
At 100% of Power Rating: m3/hr (ft3/hr)
85 (3,000)
24.3 (858)
At 75% of Power Rating: m3/hr (ft3/hr)
64.6 (2,280)
17.9 (633)
At 50% of Power Rating: m3/hr (ft3/hr)
44.7 (1,580)
13.3 (468)
// 
Cooling - Radiator System
Ambient Capacity of Radiator: °C (°F)
50 (122)*
Maximum Restriction of Cooling Air, Intake,
and Discharge Side of Rad.: kPa (in. H
20)
0.12 (0.5)
Water Pump Capacity: L/min (gpm)
680 (180)
Heat Rejection to Coolant: kW (BTUM)
285 (16,189)
Heat Radiated to Ambient: kW (BTUM)
80.5 (4,580)
Fan Power: kW (hp)
16.4 (22)
16.4 (22)
* Installation of enclosures reduces the ambient capacity
of the cooling system by 1 °C (1.8 °F). Gravity exhaust
louvers reduce ambient capacity of the cooling system
by an additional 3 °C (5.5 °F).
// 
Air Requirements
Aspirating: *m3/min (SCFM)
15.6 (532)
Air Flow Required for Rad.
Cooled Unit: **m3/min (SCFM)
849 (30,000)
Remote Cooled Applications;
Air Flow Required for Dissipation
of Radiated Gen-set Heat for a
Max of 25 °F Rise: *m3/min (SCFM)
293 (10,330)
* Air density = 1.184 kg/m3 (0.0739 lbm/ft3)
** At 0.25 kPa (1 in. H
20) static pressure and
52 °C (125 °F) at radiator
// 
Exhaust System
Gas Temp. (Stack): °C (°F)
554 (1,030)
Gas Volume at Stack
Temp: m3/min (CFM)
44.2 (1,560)
Maximum Allowable
Back Pressure: kPa (in. H
20)
2.5 (10.25)
APPLICATION DATA




Html Pages

1  2  3  4 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl