Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LS200-24 Datasheet(PDF) 2 Page - TDK Electronics

No. de pieza LS200-24
Descripción Electrónicos  Single Output 150 - 200W General Purpose Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TDK [TDK Electronics]
Página de inicio  http://www.tdk.com
Logo TDK - TDK Electronics

LS200-24 Datasheet(HTML) 2 Page - TDK Electronics

  LS200-24 Datasheet HTML 1Page - TDK Electronics LS200-24 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
74
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A6: Feb 2014
LS200 Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/ls-series.htm
LS25 - 150
25W to 150W low cost
HWS15 - 1800
15W to 1800W limited lifetime warranty
SWS300 - 1000
300 to 1000W single output
Other Related Products
Suffix
Description
/L
No cover or fan (U channel)
Blank
Cover and fan
Options
Adjust Range
Max Current
Max Current
Peak
Load Reg
Line Reg
Ripple Noise
Efficiency
Model
Voltage
(V)
Forced Air(A)(4)
Convect.(A)(5)
Current (A)
(mV)
(mV)
(mV)
(typ) %(1)
LS200-3.3
3.3V
3.0 - 3.6
40.0
N/A
-
40
16
80
67 / 68
LS200-5
5V
4.75 - 5.5
40.0
N/A
-
40
20
80
72 / 75
LS200-7.5
7.5V
6.8 - 8.2
26.7
N/A
-
40
20
80
74 / 77
LS200-12
12V
10.8 - 14.4
16.7
N/A
-
96
48
120
76 / 79
LS200-15
15V
13.5 - 16.5
13.4
N/A
-
120
60
120
80 / 83
LS200-24
24V
22 - 28.8
8.4
N/A
10.4
192
96
120
82 / 84
LS200-36
36V
32 - 40
5.6
N/A
6.9
288
144
150
82 / 85
LS200-48
48V
42 - 57.6
4.2
N/A
-
384
192
200
82 / 85
LS200-3.3/L
3.3V
3.0 - 3.6
40.0
26
-
40
16
80
67 / 68
LS200-5/L
5V
4.75 - 5.5
40.0
26
-
40
20
80
72 / 75
LS200-7.5/L
7.5V
6.8 - 8.2
26.7
17.3
-
40
20
80
74 / 77
LS200-12/L
12V
10.8 - 14.4
16.7
11.6
-
96
48
120
76 / 79
LS200-15/L
15V
13.5 - 16.5
13.4
9.3
-
120
60
120
80 / 83
LS200-24/L
24V
22 - 28.8
8.4
5.8
10.4
192
96
120
82 / 84
LS200-36/L
36V
32 - 40
5.6
3.9
6.9
288
144
150
82 / 85
LS200-48/L
48V
42 - 57.6
4.2
2.9
-
384
192
200
82 / 85
Notes
(4) With internal fan version LS200-xx or LS200-xx/L version with external airflow.
(5) See Installation manual for derating curve.
Output Ratings
Outline Drawing


Número de pieza similar - LS200-24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
LS200-24 TDK-LS200-24 Datasheet
793Kb / 2P
   Single Output 150 - 200W General Purpose Power Supplies
More results

Descripción similar - LS200-24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
LS200 TDK-LS200 Datasheet
793Kb / 2P
   Single Output 150 - 200W General Purpose Power Supplies
LS25-3.3 TDK-LS25-3.3 Datasheet
533Kb / 2P
   Single Output General Purpose Power Supplies
SWS755 TDK-SWS755 Datasheet
110Kb / 2P
   Single Output General Purpose Power Supplies
logo
RSG Electronic Componen...
LS25 RSG-LS25 Datasheet
1Mb / 6P
   Single output General Purpose Power Supplies
logo
TDK Electronics
SWS50 TDK-SWS50 Datasheet
487Kb / 2P
   Single Output General Purpose Power Supplies
SWS300A-600 TDK-SWS300A-600 Datasheet
308Kb / 2P
   Single Output General Purpose Power Supplies
logo
Mean Well Enterprises C...
NEL-200 MEANWELL-NEL-200 Datasheet
545Kb / 2P
   200W Single Output Swtiching Power Supply
logo
Total Power Internation...
NES-200 TOTAL-POWER-NES-200 Datasheet
54Kb / 1P
   200W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-185H-C MEANWELL-HLG-185H-C Datasheet
406Kb / 6P
   200W Single Output LED Power Supply
NES-200 MEANWELL-NES-200_12 Datasheet
297Kb / 2P
   200W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com