Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC3151IRGCT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC3151IRGCT
Descripción Electrónicos  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3151IRGCT Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC3151IRGCT Datasheet HTML 7Page - Texas Instruments DAC3151IRGCT Datasheet HTML 8Page - Texas Instruments DAC3151IRGCT Datasheet HTML 9Page - Texas Instruments DAC3151IRGCT Datasheet HTML 10Page - Texas Instruments DAC3151IRGCT Datasheet HTML 11Page - Texas Instruments DAC3151IRGCT Datasheet HTML 12Page - Texas Instruments DAC3151IRGCT Datasheet HTML 13Page - Texas Instruments DAC3151IRGCT Datasheet HTML 14Page - Texas Instruments DAC3151IRGCT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
DAC3151
DAC3161
DAC3171
www.ti.com
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
PIN ASSIGNMENT TABLE – DAC3171 7-BIT INTERFACE MODE (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
DATA INTERFACE
DA[6:0]P/N
9/10-
I
LVDS positive input data bits for channel A. Each positive/negative LVDS pair has an internal 100
Ω
19/20
termination resistor. Data format relative to DA_CLKP/N clock is Double Data Rate (DDR) with two
data transfers per DA_CLKP/N clock cycle.
22/23
The data format is 7 MSBs (rising edge)/7 LSBs falling edge.
In the default mode (reverse bus not enabled):
D6P/N is most significant data bit (MSB)
D0P/N is most significant data bit (LSB)
DA_CLKP/N
6/7
I
DDR differential input data clock for channel A. Edge to center nominal timing.
OUTPUT/CLOCK
DACCLKP/N
1/2
I
LVPECL clock input for DAC core with a self-bias of approximately CLKVDD18/2.
IOUTAP/N
61/60
O
A-Channel DAC current output. An offset binary data pattern of 0x0000 at the DAC input results in a
full scale current source and the most positive voltage on the IOUTA1 pin. Similarly, a 0xFFFF data
input results in a 0 mA current source and the least positive voltage on the IOUTA1 pin. The IOUTA2
pin is the complement of IOUTA1.
REFERENCE
EXTIO
58
I/O
Used as external reference input when internal reference is disabled. Requires a 0.1 µF decoupling
capacitor to GND when used as reference output.
BIASJ
57
O
Full-scale output current bias. For 20 mA full-scale output current, connect a 960
Ω resistor to GND.
POWER SUPPLY
IOVDD
45
Supply voltage for CMOS IO’s. 1.8V – 3.3V.
CLKVDD18
3
1.8V clock supply
DIGVDD18
21, 28
1.8V digital supply. Also supplies LVDS receivers.
VDDA18
50, 64
Analog 1.8V supply
VDDA33
55, 56,
Analog 3.3V supply
59
VFUSE
8
Digital supply voltage. (1.8V) This supply pin is also used for factory fuse programming. Connect to
DVDD pins for normal operation.
NC
4,5,
Not used. Pin 4 can be left open or tied to DIGVDD18, and other pins can be left open or tied to
24/25,
GROUND in actual application use. It is recommended to turn off pin 24/25, 26/27, 29/30-39/40
26/27
(register lvdsdataclk_ena, lvdsdata_ena) to save power.
29/30-
39/40,
51, 52,
53, 53,
62, 63
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DAC3151 DAC3161 DAC3171


Número de pieza similar - DAC3151IRGCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results

Descripción similar - DAC3151IRGCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Texas Instruments
ADS54RF63 TI-ADS54RF63 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5463 TI1-ADS5463_14 Datasheet
1Mb / 49P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
logo
Analog Devices
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com