Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54122RHLT Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPS54122RHLT
Descripción Electrónicos  Dual-Output 3-A Quiet Supply with Integrated DC-DC Converter and Low-Noise LDO
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54122RHLT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54122RHLT Datasheet HTML 6Page - Texas Instruments TPS54122RHLT Datasheet HTML 7Page - Texas Instruments TPS54122RHLT Datasheet HTML 8Page - Texas Instruments TPS54122RHLT Datasheet HTML 9Page - Texas Instruments TPS54122RHLT Datasheet HTML 10Page - Texas Instruments TPS54122RHLT Datasheet HTML 11Page - Texas Instruments TPS54122RHLT Datasheet HTML 12Page - Texas Instruments TPS54122RHLT Datasheet HTML 13Page - Texas Instruments TPS54122RHLT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
1.05V
1.2V
1.5V
1.8V
2.5V
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
I
-OutputCurrent- A
O
0
25
50
75
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
V
(SENSE) (V)
V(sense) Falling
V(sense) Rising
C013
300
400
500
600
700
800
900
1,000
100
200
300
400
500
600
700
800
900
R
RT (k)
C011
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
50
70
90
110
130
150
170
190
R
RT (k)
C012
2.1
2.2
2.3
2.4
2.5
-40
-20
0
20
40
60
80
100
120
140
Temperature (
SC)
C007
90
92
94
96
98
100
102
104
106
108
110
-40
-20
0
20
40
60
80
100
120
140
Temperature (
SC)
PG Threshold Low Rising
PG Threshold High Rising
PG Threshold High Falling
PG Threshold Low Falling
C008
TPS54122
SBVS221A – NOVEMBER 2013 – REVISED NOVEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At V(VIN) = V(BIAS)= V(LDOEN)= 5 V, V(LDOIN) = DC-DC_OUT = 2.1 V, V(OUT) = 1.8 V, I(OUT) = 50 mA, V(EN) = floating,
COUT = 100 μF, and CSS = CNR = 0.01 µF (see Figure 25), unless otherwise noted.
Figure 19. DC-DC SOFT-START CURRENT vs
Figure 20. PG THRESHOLD vs TEMPERATURE
TEMPERATURE
Figure 21. DC-DC SWITCHING FREQUENCY vs RRT
Figure 22. DC-DC SWITCHING FREQUENCY vs RRT
Figure 23. SWITCHING FREQUENCY vs VSENSE
Figure 24. DC-DC Efficiency vs Output Current
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54122


Número de pieza similar - TPS54122RHLT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54122RHLT TI1-TPS54122RHLT Datasheet
2Mb / 40P
[Old version datasheet]   Dual-Output, 3-A, QuietSupply With Integrated DC-DC Converter and Low-Noise LDO
More results

Descripción similar - TPS54122RHLT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54122 TI1-TPS54122 Datasheet
2Mb / 40P
[Old version datasheet]   Dual-Output, 3-A, QuietSupply With Integrated DC-DC Converter and Low-Noise LDO
TPS54122-Q1 TI-TPS54122-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   TPS54122-Q1 Dual-Output, 3-A, QuietSupply??with Integrated DC-DC Converter and Low-Noise LDO
logo
Cypress Semiconductor
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
   Buck DC/DC Converter Low Noise LDO
logo
Texas Instruments
SLVA343A TI-SLVA343A Datasheet
380Kb / 8P
[Old version datasheet]   Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
logo
Wall Industries,Inc.
DCMIE03-HI WALL-DCMIE03-HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMID03 WALL-DCMID03 Datasheet
319Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
LANCY3 WALL-LANCY3 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
logo
Bothhand USA, LP.
B3-0515D3-LF BOTHHAND-B3-0515D3-LF Datasheet
918Kb / 6P
   3 Watt Dual Output DC-DC Converter
B3-0515D3LF BOTHHAND-B3-0515D3LF Datasheet
918Kb / 6P
   3 Watt Dual Output DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com