Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLG100PS36 Datasheet(PDF) 2 Page - XP Power Limited

No. de pieza DLG100PS36
Descripción Electrónicos  50150 Watts DLG Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPPOWER [XP Power Limited]
Página de inicio  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DLG100PS36 Datasheet(HTML) 2 Page - XP Power Limited

  DLG100PS36 Datasheet HTML 1Page - XP Power Limited DLG100PS36 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
10
20
30
40
50 55 60
70
20
40
60
80
100
0
-30 for DLG100/150
-40 for DLG50/75
Ambient Temp (˚C)
100
115
130
180
220
240
305
90
20
40
60
80
100
0
Input Voltage (VAC) 60Hz
Ta= 25˚C
B
B
C
A
A
B
DLG150 at 115 VAC
DLG150 at 230 VAC & DLG100
C DLG50/75
DLG100
DLG150
B
DLG50/75
A
C
A
C
03-Sep-13
DLG50 150
Models and Ratings
Notes
Notes
1. Typical efficiency at full load and 230 VAC input.
2. Measured using 12” twisted pair with 0.1 µF and 47 µF capacitors in parallel
at 20 MHz bandwidth.
3. Not UL8750 approved.
1.54 (39.0)
A
C
2.68 (68.0)
4-R2.1
B
11.81±0.79 (300±20)
11.81±0.79 (300±20)
AC IN
DC OUT
18AWGx3C
18 AWGx2C (DLG50/75)
14 AWGx2C (DLG100/150)
ACL
ACN
V+ (RED)
V- (BLACK)
0.35
(8.9)
0.35 (8.9)
1.35 (34.2)
0.28 (7.0)
Mechanical Details
Derating Curve
Constant Voltage / Constant Current Curve
Application Notes
100
10
20
30
40
50
60
70
80
90
Vo max
Vo min
0
Output Current (%)
Trip & Restart Zone
Output Power
Output Voltage
Output Current
Output Voltage
Range in Constant
Current Mode
Efficiency(1)
Model Number
50 W
12.0 V
4.20 A
8.5-12.0 V
84.0%
DLG50PS12
50 W
24.0 V
2.10 A
19.0-24.0 V
86.0%
DLG50PS24
50 W
36.0 V
1.40 A
26.0-36.0 V
88.0%
DLG50PS36
50 W
48.0 V
1.05 A
35.0-48.0 V
88.0%
DLG50PS48
59 W
12.0 V
4.90 A
8.5-12.0 V
84.0%
DLG75PS12
75 W
24.0 V
3.15 A
19.0-24.0 V
86.0%
DLG75PS24
74 W
30.0 V
2.45 A
22.0-30.0 V
87.0%
DLG75PS30
75 W
36.0 V
2.10 A
26.0-36.0 V
88.0%
DLG75PS36
67 W
48.0 V
1.40 A
35.0-48.0 V
88.0%
DLG75PS48
75 W
54.0 V
1.40 A
37.0-54.0 V
88.0%
DLG75PS54
100 W
12.0 V
8.30 A
9.0-12.0 V
88.0%
DLG100PS12
100 W
15.0 V
6.60 A
10.0-15.0 V
88.0%
DLG100PS15(3)
100 W
24.0 V
4.20 A
14.0-24.0 V
90.0%
DLG100PS24
100 W
30.0 V
3.30 A
22.0-30.0 V
90.0%
DLG100PS30
100 W
36.0 V
2.80 A
26.0-36.0 V
90.0%
DLG100PS36
100 W
48.0 V
2.10 A
34.0-48.0 V
90.5%
DLG100PS48
100 W
57.0 V
1.75 A
43.0-57.0 V
90.5%
DLG100PS57(3)
132 W
12.0 V
11.00 A
9.0-12.0 V
88.0%
DLG150PS12
150 W
15.0 V
10.00 A
11.0-15.0 V
88.0%
DLG150PS15(3)
150 W
24.0 V
6.30 A
14.0-24.0 V
90.0%
DLG150PS24
150 W
30.0 V
5.00 A
22.0-30.0 V
90.0%
DLG150PS30
150 W
36.0 V
4.20 A
26.0-36.0 V
90.0%
DLG150PS36
150 W
48.0 V
3.20 A
33.0-48.0 V
90.0%
DLG150PS48
150 W
54.0 V
2.80 A
38.0-54.0 V
90.0%
DLG150PS54(3)
1. All dimensions shown in inches (mm).
2. Weight: DLG50/75: 1.98 lbs (900 g)
DLG100/150 2.29 lbs (1040 g)
3. Tolerance: ±0.02 (0.5)
DLG50/75
DLG100/150
A
6.93 (176.0)
8.74 (222.0)
B
6.38 (162.0)
8.19 (208.0)
C
6.03 (153.2)
7.83 (199.0)


Número de pieza similar - DLG100PS36

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XP Power Limited
DLG100PS1400-A XPPOWER-DLG100PS1400-A Datasheet
331Kb / 2P
   70-150 Watts DLG-HV Series
DLG100PS700-A XPPOWER-DLG100PS700-A Datasheet
331Kb / 2P
   70-150 Watts DLG-HV Series
DLG100PS800-A XPPOWER-DLG100PS800-A Datasheet
331Kb / 2P
   70-150 Watts DLG-HV Series
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com