Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADG702BRJ-REEL Datasheet(PDF) 5 Page - Analog Devices |
|
ADG702BRJ-REEL Datasheet(HTML) 5 Page - Analog Devices |
5 / 12 page ADG701/ADG702 Rev. C | Page 5 of 12 ABSOLUTE MAXIMUM RATINGS TA = +25°C, unless otherwise noted. Table 4. Parameter Rating VDD to GND −0.3 V to +7 V Analog and Digital Inputs1 −0.3 V to VDD + 0.3 V or 30 mA, whichever occurs first Continuous Current, S or D 30 mA Peak Current, S or D 100 mA, pulsed at 1 ms, 10% duty cycle maximum Operating Temperature Range Industrial (B Version) −40°C to +85°C Storage Temperature Range −65°C to +150°C Junction Temperature 150°C MSOP Package, Power Dissipation 315 mW θJA Thermal Impedance 206°C/W θJC Thermal Impedance 44°C/W SOT-23 Package, Power Dissipation 282 mW θJA Thermal Impedance 229.6°C/W θJC Thermal Impedance 91.99°C/W Lead Temperature, Soldering Vapor Phase (60 sec) 215°C Infrared (15 sec) 220°C Pb-free Reflow Soldering Peak Temperature 260(+0/−5)°C Time at Peak Temperature 10 sec to 40 sec ESD 2 kV 1 Overvoltages at IN, S, or D are clamped by internal diodes. Current should be limited to the maximum ratings given. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Only one absolute maximum rating may be applied at any one time. Table 5. Truth Table ADG701 In ADG702 In Switch Condition 0 1 Off 1 0 On ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Número de pieza similar - ADG702BRJ-REEL |
|
Descripción similar - ADG702BRJ-REEL |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |