Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG702BRJ-REEL7 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADG702BRJ-REEL7
Descripción Electrónicos  CMOS Low Voltage 2 廓 SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG702BRJ-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  ADG702BRJ-REEL7 Datasheet HTML 1Page - Analog Devices ADG702BRJ-REEL7 Datasheet HTML 2Page - Analog Devices ADG702BRJ-REEL7 Datasheet HTML 3Page - Analog Devices ADG702BRJ-REEL7 Datasheet HTML 4Page - Analog Devices ADG702BRJ-REEL7 Datasheet HTML 5Page - Analog Devices ADG702BRJ-REEL7 Datasheet HTML 6Page - Analog Devices ADG702BRJ-REEL7 Datasheet HTML 7Page - Analog Devices ADG702BRJ-REEL7 Datasheet HTML 8Page - Analog Devices ADG702BRJ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CMOS Low Voltage
2 Ω SPST Switches
ADG701/ADG702
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2006 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V to 5.5 V single supply
2 Ω (typical) on resistance
Low on resistance flatness
–3 dB bandwidth > 200 MHz
Rail-to-rail operation
Fast switching times
tON 18 ns
tOFF 12 ns
Typical power consumption < 0.01 μW
TTL/CMOS-compatible
APPLICATIONS
Battery-powered systems
Communications systems
Sample-and-hold systems
Audio signal routing
Video switching
Mechanical reed relay replacement
FUNCTIONAL BLOCK DIAGRAM
D
S
IN
ADG701
D
S
IN
ADG702
SWITCHES SHOWN FOR A LOGIC 1 INPUT
Figure 1.
GENERAL DESCRIPTION
The ADG701/ADG702 are monolithic CMOS SPST switches.
These switches are designed on an advanced submicron process
that provides low power dissipation yet high switching speed,
low on resistance, and low leakage currents. In addition, −3 dB
bandwidths of greater than 200 MHz can be achieved.
The ADG701/ADG702 can operate from a single 1.8 V to 5.5 V
supply, making it ideal for use in battery-powered instruments
and with the new generation of DACs and ADCs from Analog
Devices, Inc.
Figure 1 shows that with a logic input of 1, the switch of the
ADG701 is closed and that of the ADG702 is open. Each switch
conducts equally well in both directions when on.
The ADG701/ADG702 are available in 5-lead SOT-23, 6-lead
SOT-23, and 8-lead MSOP packages.
PRODUCT HIGHLIGHTS
1.
1.8 V to 5.5 V Single-Supply Operation.
The ADG701/ADG702 offer high performance, including
low on resistance and fast switching times, and are fully
specified and guaranteed with 3 V and 5 V supply rails.
2.
Very Low RON (3 Ω Maximum at 5 V, 5 Ω Maximum at 3 V).
At 1.8 V operation, RON is typically 40 Ω over the tempera-
ture range.
3.
On Resistance Flatness RFLAT(ON) (1 Ω Maximum).
4.
−3 dB Bandwidth > 200 MHz.
5.
Low Power Dissipation.
CMOS construction ensures low power dissipation.
6.
Fast tON/tOFF.
Table 1. Related Devices
Part No.
Description
ADG701L/ADG702L
Low voltage 2 Ω SPST switches
with guaranteed leakage
specifications


Número de pieza similar - ADG702BRJ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG702BRJ-REEL7 AD-ADG702BRJ-REEL7 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
More results

Descripción similar - ADG702BRJ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG701 AD-ADG701_06 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG711BRZ AD-ADG711BRZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
logo
Maxim Integrated Produc...
MAX4677 MAXIM-MAX4677_V01 Datasheet
1Mb / 13P
   2廓, Quad, SPST, CMOS Analog Switches
2021
logo
Analog Devices
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4594 MAXIM-MAX4594_V01 Datasheet
589Kb / 10P
   Low-Voltage, Single-Supply, 10廓 SPST CMOS Analog Switches
2004
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
logo
Analog Devices
ADG701 AD-ADG701 Datasheet
108Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches
REV. A
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com