Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG702BRTZ-REEL Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADG702BRTZ-REEL
Descripción Electrónicos  CMOS Low Voltage 2 廓 SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG702BRTZ-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG702BRTZ-REEL Datasheet HTML 4Page - Analog Devices ADG702BRTZ-REEL Datasheet HTML 5Page - Analog Devices ADG702BRTZ-REEL Datasheet HTML 6Page - Analog Devices ADG702BRTZ-REEL Datasheet HTML 7Page - Analog Devices ADG702BRTZ-REEL Datasheet HTML 8Page - Analog Devices ADG702BRTZ-REEL Datasheet HTML 9Page - Analog Devices ADG702BRTZ-REEL Datasheet HTML 10Page - Analog Devices ADG702BRTZ-REEL Datasheet HTML 11Page - Analog Devices ADG702BRTZ-REEL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADG701/ADG702
Rev. C | Page 9 of 12
TEST CIRCUITS
SD
VS
RON = V1/IDS
IDS
V1
SD
VS
VD
IS (OFF)
ID (OFF)
A
A
SD
VS
VD
ID (ON)
A
Figure 11. On Resistance
Figure 12. Off Leakage
Figure 13. On Leakage
0.1
μF
IN
SD
VDD
RL
300
Ω
CL
35pF
VOUT
VOUT
tON
tOFF
VIN
VIN
VDD
GND
ADG701
ADG702
50%
50%
90%
90%
50%
50%
VS
Figure 14. Switching Times
VIN
VIN
VOUT
ON
OFF
ΔV
OUT
IN
GND
VDD
VDD
CL
1nF
VOUT
S
RS
VS
D
QINJ = CL ×ΔVOUT
ADG701
ADG702
Figure 15. Charge Injection
VDD
RL
50
Ω
0.1
μF
VOUT
VIN
VS
VDD
IN
SD
GND
Figure 16. Off Isolation
VDD
RL
50
Ω
0.1
μF
VOUT
VIN
VS
VDD
IN
SD
GND
Figure 17. Bandwidth


Número de pieza similar - ADG702BRTZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG702BRTZ-REEL1 AD-ADG702BRTZ-REEL1 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG702BRTZ-REEL71 AD-ADG702BRTZ-REEL71 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
More results

Descripción similar - ADG702BRTZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG701 AD-ADG701_06 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG711BRZ AD-ADG711BRZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
logo
Maxim Integrated Produc...
MAX4677 MAXIM-MAX4677_V01 Datasheet
1Mb / 13P
   2廓, Quad, SPST, CMOS Analog Switches
2021
logo
Analog Devices
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4594 MAXIM-MAX4594_V01 Datasheet
589Kb / 10P
   Low-Voltage, Single-Supply, 10廓 SPST CMOS Analog Switches
2004
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
logo
Analog Devices
ADG701 AD-ADG701 Datasheet
108Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches
REV. A
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com