Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT28C513 Datasheet(PDF) 4 Page - Catalyst Semiconductor

No. de pieza CAT28C513
Descripción Electrónicos  512K-Bit CMOS PARALLEL E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C513 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT28C513 Datasheet HTML 1Page - Catalyst Semiconductor CAT28C513 Datasheet HTML 2Page - Catalyst Semiconductor CAT28C513 Datasheet HTML 3Page - Catalyst Semiconductor CAT28C513 Datasheet HTML 4Page - Catalyst Semiconductor CAT28C513 Datasheet HTML 5Page - Catalyst Semiconductor CAT28C513 Datasheet HTML 6Page - Catalyst Semiconductor CAT28C513 Datasheet HTML 7Page - Catalyst Semiconductor CAT28C513 Datasheet HTML 8Page - Catalyst Semiconductor CAT28C513 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Advanced
CAT28C512/513
4
Doc. No. 25074-00 2/98
MODE SELECTION
Mode
CE
WE
OE
I/O
Power
Read
L
H
L
DOUT
ACTIVE
Byte Write (WE Controlled)
L
H
DIN
ACTIVE
Byte Write (CE Controlled)
L
H
DIN
ACTIVE
Standby, and Write Inhibit
H
X
X
High-Z
STANDBY
Read and Write Inhibit
X
H
H
High-Z
ACTIVE
CAPACITANCE TA = 25°C, f = 1.0 MHz, VCC = 5V
Symbol
Test
Max.
Units
Conditions
CI/O(1)
Input/Output Capacitance
10
pF
VI/O = 0V
CIN(1)
Input Capacitance
6
pF
VIN = 0V
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) Output floating (High-Z) is defined as the state when the external data line is no longer driven by the output buffer.
28C512/513-12 28C512/513-15
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tRC
Read Cycle Time
120
150
ns
tCE
CE Access Time
120
150
ns
tAA
Address Access Time
120
150
ns
tOE
OE Access Time
50
70
ns
tLZ(1)
CE Low to Active Output
0
0
ns
tOLZ(1)
OE Low to Active Output
0
0
ns
tHZ(1)(2)
CE High to High-Z Output
50
50
ns
tOHZ(1)(2)
OE High to High-Z Output
50
50
ns
tOH(1)
Output Hold from Address Change
0
0
ns
A.C. CHARACTERISTICS, Read Cycle
VCC=5V + 10%, Unless otherwise specified
Symbol
Parameter
Min.
Max
Units
tPUR (1)
Power-up to Read Operation
100
µs
tPUW (2)
Power-up to Write Operation
5
10
ms
Power-Up Timing


Número de pieza similar - CAT28C513

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT28C513 CATALYST-CAT28C513 Datasheet
416Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
CAT28C513 CATALYST-CAT28C513 Datasheet
81Kb / 11P
   512K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C513 ONSEMI-CAT28C513 Datasheet
94Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1007, Rev. I
CAT28C513G-12T ONSEMI-CAT28C513G-12T Datasheet
94Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1007, Rev. I
CAT28C513G-15T ONSEMI-CAT28C513G-15T Datasheet
94Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1007, Rev. I
More results

Descripción similar - CAT28C513

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT28C64BJ-12 CATALYST-CAT28C64BJ-12 Datasheet
57Kb / 12P
   64K-Bit CMOS PARALLEL E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256_04 Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com