Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT24WC05PA Datasheet(PDF) 6 Page - Catalyst Semiconductor |
|
CAT24WC05PA Datasheet(HTML) 6 Page - Catalyst Semiconductor |
6 / 8 page CAT24WC03/05/09/17 6 Doc. No. 25063-00 2/98 S-1 Preliminary most significant bits of the 8-bit slave address are fixed as 1010 for the CAT24WC03/05/09/17 (see Fig. 5). The next three significant bits (A2, A1, A0) are the device address bits and define which device or which part of the device the Master is accessing. Up to eight CAT24WC03, four CAT24WC05, two CAT24WC09, and one CAT24WC17 may be individually addressed by the system. The last bit of the slave address specifies whether a Read or Write operation is to be performed. When this bit is set to 1, a Read operation is selected, and when set to 0, a Write operation is selected. After the Master sends a START condition and the slave address byte, the CAT24WC03/05/09/17 monitors the bus and responds with an acknowledge (on the SDA line) when its address matches the transmitted slave address. The CAT24WC03/05/09/17 then performs a Read or Write operation depending on the state of the R/ W bit. Acknowledge After a successful data transfer, each receiving device is required to generate an acknowledge. The Acknowledg- ing device pulls down the SDA line during the ninth clock cycle, signaling that it received the 8 bits of data. The CAT24WC03/05/09/17 responds with an acknowl- edge after receiving a START condition and its slave address. If the device has been selected along with a write operation, it responds with an acknowledge after receiving each 8-bit byte. When the CAT24WC03/05/09/17 is in a READ mode it transmits 8 bits of data, releases the SDA line, and monitors the line for an acknowledge. Once it receives this acknowledge, the CAT24WC03/05/09/17 will con- tinue to transmit data. If no acknowledge is sent by the Master, the device terminates data transmission and waits for a STOP condition. WRITE OPERATIONS Byte Write In the Byte Write mode, the Master device sends the START condition and the slave address information (with the R/ W bit set to zero) to the Slave device. After the Slave generates an acknowledge, the Master sends the byte address that is to be written into the address pointer of the CAT24WC03/05/09/17. After receiving another acknowledge from the Slave, the Master device transmits the data byte to be written into the addressed memory location. The CAT24WC03/05/09/17 acknowl- edge once more and the Master generates the STOP condition, at which time the device begins its internal programming cycle to nonvolatile memory. While this internal cycle is in progress, the device will not respond to any request from the Master device. Page Write The CAT24WC03/05/09/17 writes up to 16 bytes of data in a single write cycle, using the Page Write operation. The Page Write operation is initiated in the same manner as the Byte Write operation, however instead of termi- nating after the initial word is transmitted, the Master is allowed to send up to 15 additional bytes. After each byte has been transmitted the CAT24WC03/05/09/17 will respond with an acknowledge, and internally increment 24WCXX F09 Figure 7. Page Write Timing BYTE ADDRESS SLAVE ADDRESS S A C K A C K DATA A C K S T O P P BUS ACTIVITY: MASTER SDA LINE S T A R T 5020 FHD F08 Figure 6. Byte Write Timing BUS ACTIVITY: MASTER SDA LINE DATA n+P BYTE ADDRESS (n) A C K A C K DATA n A C K S T O P 24WCXX FO9 S A C K DATA n+1 A C K S T A R T P SLAVE ADDRESS NOTE: IN THIS EXAMPLE n = XXXX 0000(B); X = 1 or 0 |
Número de pieza similar - CAT24WC05PA |
|
Descripción similar - CAT24WC05PA |