Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SCR553P Datasheet(PDF) 4 Page - Rohm

No. de pieza 2SCR553P
Descripción Electrónicos  NPN 2.0A 50V Middle Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

2SCR553P Datasheet(HTML) 4 Page - Rohm

  2SCR553P Datasheet HTML 1Page - Rohm 2SCR553P Datasheet HTML 2Page - Rohm 2SCR553P Datasheet HTML 3Page - Rohm 2SCR553P Datasheet HTML 4Page - Rohm 2SCR553P Datasheet HTML 5Page - Rohm 2SCR553P Datasheet HTML 6Page - Rohm 2SCR553P Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SCR553P
lElectrical characteristic curves
(Ta = 25°C)
0.1
1
10
1
10
100
1000
10000
Ta= -40ºC
25ºC
75ºC
125ºC
IC / IB = 20
Pulsed
0.001
0.01
0.1
1
1
10
100
1000
10000
IC / IB = 20
Ta=125ºC
75ºC
25ºC
-
40ºC
0.001
0.01
0.1
1
1
10
100
1000
10000
Ta=25ºC
IC / IB = 50
20
10
10
100
1000
-10
-100
-1000
Ta=25ºC
VCE= 10V
EMITTER CURRENT : IE [mA]
COLLECTOR CURRENT : IC [mA]
Fig.5 Collector-Emitter Saturation Voltage
vs. Collector Current (I)
Fig.6 Collector-Emitter Saturation Voltage
vs. Collector Current (II)
COLLECTOR CURRENT : IC [mA]
Fig.7 Base-Emitter Saturation Voltage
vs. Collector Current
COLLECTOR CURRENT : IC [mA]
Fig.8 Gain Bandwidth Product
vs. Emitter Current
4/6
2013.04 - Rev.B


Número de pieza similar - 2SCR553P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SCR553P ROHM-2SCR553P Datasheet
234Kb / 5P
   Midium Power Transistors (50V / 2A)
2SCR553P5 ROHM-2SCR553P5 Datasheet
1Mb / 9P
   Midium Power Transistors (50V / 2A)
2SCR553PFRA ROHM-2SCR553PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (50V / 2A)
2SCR553P ROHM-2SCR553P_09 Datasheet
234Kb / 5P
   Midium Power Transistors (50V / 2A)
More results

Descripción similar - 2SCR553P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SAR553P ROHM-2SAR553P Datasheet
358Kb / 7P
   PNP -2.0A -50V Middle Power Transistor
2SAR553R ROHM-2SAR553R Datasheet
1Mb / 9P
   PNP -2.0A -50V Middle Power Transistor
2SCR574DA07 ROHM-2SCR574DA07 Datasheet
799Kb / 7P
   NPN 2.0A 80V Middle Power Transistor
2SCR512R ROHM-2SCR512R Datasheet
1Mb / 7P
   NPN 2.0A 30V Middle Power Transistor
2SCR574D ROHM-2SCR574D Datasheet
803Kb / 7P
   NPN 2.0A 80V Middle Power Transistor
2SCR512RHZG ROHM-2SCR512RHZG Datasheet
1Mb / 9P
   NPN 2.0A 30V Middle Power Transistor
20190325 - Rev.001
2SCR513RHZG ROHM-2SCR513RHZG Datasheet
1Mb / 9P
   NPN 1.0A 50V Middle Power Transistor
20181211 - Rev.001
2SCR573DFHG ROHM-2SCR573DFHG Datasheet
1Mb / 8P
   NPN 3.0A 50V Middle Power Transistor
20161012 - Rev.004
2SCR533PT100 ROHM-2SCR533PT100 Datasheet
384Kb / 8P
   NPN 3.0A 50V Middle Power Transistor
2SCR573D ROHM-2SCR573D Datasheet
800Kb / 7P
   NPN 3.0A 50V Middle Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com