Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT35C704JITE13 Datasheet(PDF) 6 Page - Catalyst Semiconductor

No. de pieza CAT35C704JITE13
Descripción Electrónicos  4K-Bit Secure Access Serial E2PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT35C704JITE13 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT35C704JITE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT35C704JITE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT35C704JITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT35C704JITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT35C704JITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT35C704JITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT35C704JITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT35C704JITE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT35C704JITE13 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Preliminary
CAT35C704
Doc. No. 25045-00 2/98
CLK
The System Clock is a TTL compatible input pin that
allows operation of the device over a frequency range of
DC to 3 MHz.
DI
The Data Input pin is TTL compatible and accepts data
and instructions in a serial format. Each instruction must
begin with “1” as a start bit. The device will accept as
many bytes as an instruction requires, including both
data and address bytes. With the SECS protocol, extra
bits will be disregarded if they are “0”s and misinter-
preted as the next instruction if they are “1”s. An instruc-
tion error will cause the device to abort operation and all
I/O communication will be terminated until a reset is
received.
DO
The Data Output pin is a tri-state TTL compatible output.
It is normally in a high impedance state unless a READ
or an ENABLE BUSY instruction is executed. Following
the completion of a 16-bit or 8-bit data stream, the output
will return to the high impedance state. During a pro-
gram/erase cycle, if the ENABLE BUSY instruction has
been previously executed, the output will stay LOW
while the device is BUSY, and it will be set HIGH when
the program/erase cycle is completed. DO will stay
HIGH until the completion of the next instruction’s op-
code and, if the next instruction is a READ, DO will output
the appropriate data at the end of the instruction. If the
ENABLE BUSY instruction has not been previously
executed, DO will stay in a high impedance state. DO will
Figure 5. Program/Erase Timing
5074 FHD F07
Figure 6. CS to DO Status Timing
5074 FHD F08
CS
CLK
DI
LAST ADDRESS BIT FOR ERASE
LAST OPCODE BIT FOR ERAL
LAST DATA BIT FOR WRITE/WRAL
HIGH-Z
DO
tCKH
tPD
tEW
NEXT INSTRUCTION
CS
CLK
DI
LAST ADDRESS BIT FOR ERASE
LAST OPCODE BIT FOR ERAL
LAST DATA BIT FOR WRITE/WRAL
HIGH-Z
DO
tCSZ
NEXT INSTRUCTION
tCSD
BUSY
READY
BUSY
HIGH-Z


Número de pieza similar - CAT35C704JITE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT35C102 CATALYST-CAT35C102 Datasheet
424Kb / 7P
   2K-Bit SERIAL E2PROM
CAT35C102I CATALYST-CAT35C102I Datasheet
424Kb / 7P
   2K-Bit SERIAL E2PROM
CAT35C102P CATALYST-CAT35C102P Datasheet
424Kb / 7P
   2K-Bit SERIAL E2PROM
CAT35C104 CATALYST-CAT35C104 Datasheet
423Kb / 7P
   4K-Bit SERIAL E2PROM
CAT35C104I CATALYST-CAT35C104I Datasheet
423Kb / 7P
   4K-Bit SERIAL E2PROM
More results

Descripción similar - CAT35C704JITE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C804A CATALYST-CAT35C804A Datasheet
88Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C904 CATALYST-CAT35C904 Datasheet
676Kb / 8P
   RF SECURE ACCESS Serial E2PROM
CAT35C104 CATALYST-CAT35C104 Datasheet
423Kb / 7P
   4K-Bit SERIAL E2PROM
CAT35C204 CATALYST-CAT35C204 Datasheet
359Kb / 7P
   4K-Bit SERIAL E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com