Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC3851 Datasheet(PDF) 1 Page - Sanken electric

No. de pieza 2SC3851
Descripción Electrónicos  Silicon NPN Epitaxial Planar Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC3851 Datasheet(HTML) 1 Page - Sanken electric

  2SC3851 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
77
2SC3851/3851A
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
0
1
2
3
4
2
1
3
456
Collector-Emitter Voltage V CE(V)
60mA
Safe Operating Area (Single Pulse)
f T– I E Characteristics (Typical)
50mA
40mA
30mA
20mA
10mA
5mA
30
20
10
0
0
5 0
100
150
Ambient Temperature Ta(˚C)
Without Heatsink
0
1.0
0.5
0.005 0.01
0.1
0.05
1
0.5
Base Current I B(A)
I C=1A
2A
3A
0.01
0.1
0.5
1
4
20
50
100
500
Collector Current I C(A)
(V CE=4V)
Typ
0.5
1
5
1
1 0
100
1000
Time t(ms)
10
50
35
8 0
0.05
0.1
1
0.5
10
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
DC
100ms
10ms
1ms
(V CE=4V)
0.01
0.1
0.05
1
0.5
4
20
50
100
500
Collector Current I C(A)
25˚C
–30˚C
125˚C
0
4
2
3
1
0
1.2
1.0
0.5
Base-Emittor Voltage V BE(V)
(V CE=4V)
–0.005
–0.1
–0.5
–1
–4
20
10
0
30
40
(V CE=12V)
Emitter Current I E(A)
Typ
Silicon NPN Epitaxial Planar Transistor (Complement to type 2SA1488/A)
Application : Audio and PPC High Voltage Power Supply, and General Purpose
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
12
RL
(
Ω)
6
IC
(A)
2
VBB2
(V)
–5
IB2
(mA)
–200
ton
(
µs)
0.2typ
tstg
(
µs)
1typ
tf
(
µs)
0.3typ
IB1
(mA)
200
VBB1
(V)
10
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
6
4
1
25(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
2SC3851
80
60min
Unit
µA
V
µA
V
V
MHz
pF
(Ta=25°C)
(Ta=25°C)
2SC3851A
100
80
2SC3851
80
60
2SC3851A
100
80min
100max
40 to320
0.5max
15typ
60typ
External Dimensions FM20(TO220F)
ø3.3±0.2
10.1±0.2
2.54
2.54
1.35±0.15
0.85
+0.2
-0.1
1.35±0.15
2.2±0.2
4.2±0.2
2.8
c0.5
2.4±0.2
0.45
+0.2
-0.1
BE
C
a
b
Weight : Approx 2.0g
a. Part No.
b. Lot No.
100max
Conditions
VCB=
VEB=6V
IC=25mA
VCE=4V, IC=1A
IC=2A, IB=0.2A
VCE=12V, IE=–0.2A
VCB=10V, f=1MHz
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
Ratings
Ratings


Número de pieza similar - 2SC3851

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
2SC3851 SANKEN-2SC3851 Datasheet
24Kb / 1P
   Silicon NPN Epitaxial Planar Transistor(Audio and PPC High Voltage Power Supply, and General Purpose)
logo
Savantic, Inc.
2SC3851 SAVANTIC-2SC3851 Datasheet
245Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3851 JMNIC-2SC3851 Datasheet
186Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3851 ISC-2SC3851 Datasheet
157Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3851 SAVANTIC-2SC3851 Datasheet
247Kb / 4P
   Silicon NPN Power Transistors
More results

Descripción similar - 2SC3851

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com