Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
9-141 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers |
|
9-141 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers |
5 / 282 page 1. Button-Only This is the basic CIN::APSE contact configuration. It is ideally suited for z-axis applications requiring minimum height, high density, and signal integrity. This configuration is used in LGA and IC sockets, PCB to PCB, and flex print circuit to PCB applications. 2. Plunger-Button The addition of a gold-plated brass plunger increases the durability of the CIN::APSE contact system while also achieving additional height. This configuration suits itself especially well for PCB to PCB interconnect and those that require excessive handling. CIN::APSE Applications Due to its breakthrough nature, it is impossible to illustrate all of the applications CIN::APSE technology can address. The following applications illustrate only a portion of the types of interconnect problems that CIN::APSE can solve. TYPICAL CONFIGURATION CIN::APSE® High-Speed Interconnect Technology Other custom configurations are available. Contact Cinch for details. 1-3 1 Call Toll Free: 1 (800) 323-9612 |
Número de pieza similar - 9-141 |
|
Descripción similar - 9-141 |