Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT28F010TA-12T Datasheet(PDF) 11 Page - Catalyst Semiconductor

No. de pieza CAT28F010TA-12T
Descripción Electrónicos  1 Megabit CMOS Flash Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F010TA-12T Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT28F010TA-12T Datasheet HTML 6Page - Catalyst Semiconductor CAT28F010TA-12T Datasheet HTML 7Page - Catalyst Semiconductor CAT28F010TA-12T Datasheet HTML 8Page - Catalyst Semiconductor CAT28F010TA-12T Datasheet HTML 9Page - Catalyst Semiconductor CAT28F010TA-12T Datasheet HTML 10Page - Catalyst Semiconductor CAT28F010TA-12T Datasheet HTML 11Page - Catalyst Semiconductor CAT28F010TA-12T Datasheet HTML 12Page - Catalyst Semiconductor CAT28F010TA-12T Datasheet HTML 13Page - Catalyst Semiconductor CAT28F010TA-12T Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CAT28F010
11
Doc. No. 25005-0A 2/98 F-1
28F010 F08
ADDRESSES
CE (E)
OE (G)
WE (W)
DATA (I/O)
VCC
VPP
tWC
tWC
tRC
tAS
tAH
tCS
tCH
tCS
tCH
tCH
tEHQZ
tDF
tGHWL
tWPH
tWHWH1
tWHGL
tWP
tDS
HIGH-Z
DATA IN
= 40H
DATA IN
DATA IN
= C0H
VALID
DATA OUT
tDH
tWP
tDH
tDS
tDS
tWP
tDH
tOLZ
tOE
tOH
tLZ
tCE
tVPEL
VPPH
VPPL
0V
5.0V
VCC POWER-UP
& STANDBY
SETUP PROGRAM
COMMAND
LATCH ADDRESS
& DATA
PROGRAMMING
PROGRAM
VERIFY
COMMAND
PROGRAM
VERIFICATION
VCC POWER-DOWN/
STANDBY
Figure 6. A.C. Timing for Programming Operation
Erase Mode
During the first Write cycle, the command 20H is written
into the command register. In order to commence the
erase operation, the identical command of 20H has to be
written again into the register. This two-step process
ensures against accidental erasure of the memory con-
tents. The final erase cycle will be stopped at the rising
edge of WE, at which time the Erase Verify command
(A0H) is sent to the command register. During this cycle,
the address to be verified is sent to the address bus and
latched when WE goes low. An integrated stop timer
allows for automatic timing control over this operation,
eliminating the need for a maximum erase timing speci-
fication. Refer to AC Characteristics (Program/Erase)
for specific timing parameters.
Erase-Verify Mode
The Erase-verify operation is performed on every byte
after each erase pulse to verify that the bits have been
erased.
Programming Mode
The programming operation is initiated using the pro-
gramming algorithm of Figure 7. During the first write
cycle, the command 40H is written into the command
register. During the second write cycle, the address of
the memory location to be programmed is latched on the
falling edge of WE, while the data is latched on the rising
edge of WE. The program operation terminates with the
next rising edge of WE. An integrated stop timer allows
for automatic timing control over this operation, eliminat-
ing the need for a maximum program timing specifica-
tion. Refer to AC Characteristics (Program/Erase) for
specific timing parameters.


Número de pieza similar - CAT28F010TA-12T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT28F010TA-12T CATALYST-CAT28F010TA-12T Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
More results

Descripción similar - CAT28F010TA-12T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010L90 ONSEMI-CAT28F010L90 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010N-15 ONSEMI-CAT28F010N-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F010 CATALYST-CAT28F010_04 Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com