Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM19088CD Datasheet(PDF) 1 Page - LightKey Optoelectronics Ltd.

No. de pieza LM19088CD
Descripción Electrónicos  1.90 inch 8x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGHTKEY [LightKey Optoelectronics Ltd.]
Página de inicio  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM19088CD Datasheet(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LM19088CD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM19088CD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM19088CD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121823
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.90 inch 8x8 Dot Matrix LED Display
LM19088C/D Series – 1.90 inch 8x8 Dot Matrix LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
47.80 mm (1.90 inch) matrix height
Dot size: Diameter 4.80 mm
Pitch: 6.00 mm
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White dot, grey or black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative dot color
Alternative face color
Both CA or CC versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
36.00
3
0.51
2.54*12=30.48
47.80
6.00*7=42.00
PIN 1
4.8
0
COL.
12
8
7
6
5
4
3
2
1
4
57
68
ROW
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


Número de pieza similar - LM19088CD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LightKey Optoelectronic...
LM19088AB LIGHTKEY-LM19088AB Datasheet
227Kb / 3P
   LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
LM19088AD LIGHTKEY-LM19088AD Datasheet
227Kb / 3P
   LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
LM19088AG LIGHTKEY-LM19088AG Datasheet
227Kb / 3P
   LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
LM19088AO LIGHTKEY-LM19088AO Datasheet
227Kb / 3P
   LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
LM19088APG LIGHTKEY-LM19088APG Datasheet
227Kb / 3P
   LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
More results

Descripción similar - LM19088CD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LightKey Optoelectronic...
LM19088EFRG LIGHTKEY-LM19088EFRG Datasheet
296Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM19088KL LIGHTKEY-LM19088KL Datasheet
300Kb / 3P
   LM19088K/L Series . 1.90 inch 8x8 Dot Matrix LED Display
LM19088AB LIGHTKEY-LM19088AB Datasheet
227Kb / 3P
   LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
   1.50 inch 8x8 Dot Matrix LED Display
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
   2.30 inch 8x8 RGB Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-88035V9 CHINASEMI-CSM-88035V9 Datasheet
217Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88137M9 CHINASEMI-CSM-88137M9 Datasheet
225Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88138V9 CHINASEMI-CSM-88138V9 Datasheet
220Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com