Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM14058AB Datasheet(PDF) 1 Page - LightKey Optoelectronics Ltd.

No. de pieza LM14058AB
Descripción Electrónicos  LM14058A/B Series ??1.40 inch 5x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGHTKEY [LightKey Optoelectronics Ltd.]
Página de inicio  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM14058AB Datasheet(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LM14058AB Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM14058AB Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM14058AB Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121817
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.40 inch 5x8 Dot Matrix LED Display
LM14058A/B Series – 1.40 inch 5x8 Dot Matrix LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
37.40 mm (1.40 inch) matrix height
Dot size: Diameter 3.00 mm
Pitch: 4.70 mm
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White dot, grey or black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative dot color
Alternative face color
Both CA or CC versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
23.40
4.70*4=18.80
2.54*6=15.24
PIN 1
28.20
8
7
6
5
COL. 1
2
3
ROW
45
1
3
4
2
0.51
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


Número de pieza similar - LM14058AB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM140 NSC-LM140 Datasheet
28Kb / 7P
   VOLTAGE REGULATOR, 5 VOLTS AT 1.0A
logo
Seme LAB
LM140 SEME-LAB-LM140 Datasheet
55Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
logo
National Semiconductor ...
LM140 NSC-LM140 Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
logo
Seme LAB
LM140 SEME-LAB-LM140 Datasheet
55Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
logo
SEMTECH ELECTRONICS LTD...
LM140 SEMTECH_ELEC-LM140 Datasheet
418Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Descripción similar - LM14058AB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LightKey Optoelectronic...
LM12058AB LIGHTKEY-LM12058AB Datasheet
76Kb / 3P
   LM12058A/B Series ??1.20 inch 5x8 Dot Matrix LED Display
LM34058AB LIGHTKEY-LM34058AB Datasheet
140Kb / 3P
   LM34058A/B Series . 3.40 inch 5x8 Dot Matrix LED Display
LM46058AB LIGHTKEY-LM46058AB Datasheet
141Kb / 3P
   4.60 inch 5x8 Dot Matrix LED Display
LM23058AB LIGHTKEY-LM23058AB Datasheet
176Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
LM23058CD LIGHTKEY-LM23058CD Datasheet
171Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-58211G CHINASEMI-CSM-58211G Datasheet
194Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58432G CHINASEMI-CSM-58432G Datasheet
198Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58111G CHINASEMI-CSM-58111G Datasheet
182Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111T9 CHINASEMI-CSM-58111T9 Datasheet
185Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111V9 CHINASEMI-CSM-58111V9 Datasheet
180Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com