Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM7057GUA Datasheet(PDF) 3 Page - LightKey Optoelectronics Ltd.

No. de pieza LM7057GUA
Descripción Electrónicos  LM7057G/H Series - 0.70 inch 5x7 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGHTKEY [LightKey Optoelectronics Ltd.]
Página de inicio  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM7057GUA Datasheet(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LM7057GUA Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM7057GUA Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM7057GUA Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121796
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.70 inch 5x7 Dot Matrix LED Display
Electrical Characteristics & Absolute Maximum Ratings
Electrical
Characteristics
[1]
Absolute Maximum Ratings
[1]
VF@
IF=20mA
[2]
Color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[3]
Super Red
Per Dot
1.8
2.2
30
60
25
100
Hi-Red
Per Dot
1.8
2.2
30
60
25
100
Orange
Per Dot
2.1
2.5
30
80
30
100
Yellow
Per Dot
2.1
2.5
30
80
30
100
Green
Per Dot
2.2
2.5
30
80
30
100
Ultra Red
Per Dot
1.9
2.6
30
60
30
100
Ultra Orange
Per Dot
2.0
2.6
30
65
30
100
Ultra Amber
Per Dot
2.0
2.6
30
65
30
100
Ultra Yellow
Per Dot
2.0
2.6
30
65
30
100
Ultra Green
Per Dot
2.1
2.6
30
75
30
100
Pure Green
Per Dot
3.5
4.0
30
110
30
100
Ultra Blue
Per Dot
3.5
4.0
30
120
30
100
Ultra White
Per Dot
3.5
4.0
30
120
30
100
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Forward voltage at forward current = 20mA.
3. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Número de pieza similar - LM7057GUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LightKey Optoelectronic...
LM7057AB LIGHTKEY-LM7057AB Datasheet
117Kb / 3P
   LM7057A/B Series - 0.70 inch 5x7 Dot Matrix LED Display
LM7057ABRG LIGHTKEY-LM7057ABRG Datasheet
74Kb / 3P
   LM7057A/BRG Series - 0.70 inch 5x7 Dual Color Dot Matrix LED Display
LM7057AD LIGHTKEY-LM7057AD Datasheet
117Kb / 3P
   LM7057A/B Series - 0.70 inch 5x7 Dot Matrix LED Display
LM7057AG LIGHTKEY-LM7057AG Datasheet
117Kb / 3P
   LM7057A/B Series - 0.70 inch 5x7 Dot Matrix LED Display
LM7057AO LIGHTKEY-LM7057AO Datasheet
117Kb / 3P
   LM7057A/B Series - 0.70 inch 5x7 Dot Matrix LED Display
More results

Descripción similar - LM7057GUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LightKey Optoelectronic...
LM12457AB LIGHTKEY-LM12457AB Datasheet
133Kb / 3P
   LM7057A/B Series - 0.70 inch 5x7 Dot Matrix LED Display
LM7057AB LIGHTKEY-LM7057AB Datasheet
117Kb / 3P
   LM7057A/B Series - 0.70 inch 5x7 Dot Matrix LED Display
LM7057ABRG LIGHTKEY-LM7057ABRG Datasheet
74Kb / 3P
   LM7057A/BRG Series - 0.70 inch 5x7 Dual Color Dot Matrix LED Display
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
LM40057CD LIGHTKEY-LM40057CD Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LM20157AB LIGHTKEY-LM20157AB Datasheet
158Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
logo
Ningbo Foryard Optoelec...
FYM-7571AX-00 FORYARD-FYM-7571AX-00 Datasheet
431Kb / 5P
   0.70 inch (17.80mm) Matrix height, Dot Matrix Display
FYM-7571CX-00 FORYARD-FYM-7571CX-00 Datasheet
431Kb / 5P
   0.70 inch (17.80mm) Matrix height, Dot Matrix Display
FYM-7571A-BW-X5 FORYARD-FYM-7571A-BW-X5 Datasheet
431Kb / 5P
   0.70 inch (17.80mm) Matrix height, Dot Matrix Display
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com