Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC5225S Datasheet(PDF) 1 Page - Sanken electric

No. de pieza LC5225S
Descripción Electrónicos  Off-Line DC / DC LED Driver ICs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5225S Datasheet(HTML) 1 Page - Sanken electric

  LC5225S Datasheet HTML 1Page - Sanken electric LC5225S Datasheet HTML 2Page - Sanken electric LC5225S Datasheet HTML 3Page - Sanken electric LC5225S Datasheet HTML 4Page - Sanken electric LC5225S Datasheet HTML 5Page - Sanken electric LC5225S Datasheet HTML 6Page - Sanken electric LC5225S Datasheet HTML 7Page - Sanken electric LC5225S Datasheet HTML 8Page - Sanken electric LC5225S Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LC5222D/25D and LC5222S/25S
Description
LC5220 series is a non-isolating, simple and efficient LED
driver. The high voltage capability allows direct connection
to a wide range of supply voltages ranging from 25 to 400 V
(recommended). The LC5220 uses constant current mode
to drive LEDs. and buck and buck-boost voltage converters
can be configured.
A power MOSFET and controller IC are incorporated in
one package. Because few external parts are required, the
LC5220 is ideal for use in small-size LED light bulbs.
Various control requirements can be supported through the
REF pin, including peak current control, output on/off, and
sleep mode enable.
Moreover, there is a protection circuit for freewheeling
diode open, protection for a buck-boost voltage converter
open LED load, and a variable overcurrent protection func-
tion. These features improve safety for both the LC5220 and
the LEDs.
Features and Benefits
• Buck and buck-boost topology; selectable by peripheral
circuit structure
• Built-in fixed reference voltage limiting constant current
control; high precision regulator improves current
precision and simplifies setting of current level
• Sleep function, with latch mode; input high, 3 V or more,
on REF pin turns off IC output to LEDs
• Enable function; input low on REF pin toggles IC output
to LEDs
• High input voltage; up to 250 V or 450 V, depending on
product
• Output Current: 0.5A
• Built-in constant current control; PWM method, output
current adjustable by the voltage input on the REF pin
• External adjustable PWM dimming control
• Protection features:
▫ Open protection (OPP) with latched shutdown; protects
IC when a free-wheeling diode is open
▫ Undervoltage lockout (UVLO)
▫ Overcurrent protection (OCP) with latched shutdown;
variable OCP threshold linked to REF pin voltage
▫ Thermal shutdown (TSD) with auto restart
Off-Line DC/DC LED Driver ICs
Typical Application
Applications
• LED lighting fixtures
• LED light bulbs
Packages
Not to scale
DIP8
SOP8
LC5220
VBB
OUT
SEN
GND
REG
PWM
REF
R1
R2
CPWM
RS
D1
L1
C2
C1
CIN
AC
Input
VIN
C3
Line
Filter
VLED
An example of a buck voltage converter application circuit
LC5222D/25D_22S/25S-DS
SANKEN ELECTRIC CO., LTD.
August 8, 2012


Número de pieza similar - LC5225S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
LC5225S SANKEN-LC5225S Datasheet
289Kb / 8P
   Hybrid Integrated Circuit
More results

Descripción similar - LC5225S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
LC5223D SANKEN-LC5223D Datasheet
260Kb / 10P
   Off-Line DC / DC LED Driver ICs
LC5202D SANKEN-LC5202D Datasheet
297Kb / 16P
   Off-Line LED Driver ICs
logo
Microchip Technology
HV9805 MICROCHIP-HV9805 Datasheet
491Kb / 34P
   Off-Line LED Driver with True DC Output Current
01/27/15
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
   Off Line LED Driver
logo
AIMTEC
AMEOR30-4864AZ AIMTEC-AMEOR30-4864AZ Datasheet
897Kb / 14P
   DC-DC LED driver
logo
Maxim Integrated Produc...
MAX16801A MAXIM-MAX16801A Datasheet
356Kb / 15P
   Off-Line and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 0; 10/05
logo
Supertex, Inc
HV9906 SUTEX-HV9906 Datasheet
445Kb / 10P
   Simple Off-Line/PFC & >9V DC/DC Switcher
HV9906 SUTEX-HV9906_04 Datasheet
281Kb / 11P
   Simple Off-Line/PFC & >9V DC/DC Switcher
logo
Toshiba Semiconductor
TA84007PQ TOSHIBA-TA84007PQ Datasheet
362Kb / 16P
   DC Motor Full Bridge Driver ICs (Forward/reverse switching driver ICs)
logo
IXYS Corporation
MXHV9910 IXYS-MXHV9910 Datasheet
348Kb / 12P
   Off-Line, High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com