Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT64LC20PATE13 Datasheet(PDF) 10 Page - Catalyst Semiconductor

No. de pieza CAT64LC20PATE13
Descripción Electrónicos  1K/2K/4K-Bit SPI Serial E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT64LC20PATE13 Datasheet(HTML) 10 Page - Catalyst Semiconductor

  CAT64LC20PATE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT64LC20PATE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT64LC20PATE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT64LC20PATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT64LC20PATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT64LC20PATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT64LC20PATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT64LC20PATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT64LC20PATE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 9 page
background image
Discontinued
Parts
10
CAT64LC10/20/40
Doc. No. 1021, Rev. C
ORDERING INFORMATION
Notes:
(1) The device used in the above example is a 64LC10SI-TE13 (SOIC, Industrial Temperature, Tape & Reel)
P: PDIP
S: SOIC (JEDEC)
J: SOIC (JEDEC)
U: TSSOP
UR: TSSOP (Rotated)
L: PDIP (Lead free, Halogen free)
V: SOIC (JEDEC) (Lead free, Halogen free)
W: SOIC (JEDEC) (Lead free, Halogen free)
Y: TSSOP (Lead free, Halogen free)
YR: TSSOP (Rotated) (Lead free, Halogen free)


Número de pieza similar - CAT64LC20PATE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT64LC20PATE13 CATALYST-CAT64LC20PATE13 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
More results

Descripción similar - CAT64LC20PATE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
ATMEL Corporation
AT25040A ATMEL-AT25040A Datasheet
392Kb / 18P
   SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com