Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4739-B20-GMR Datasheet(PDF) 11 Page - Silicon Laboratories

No. de pieza SI4739-B20-GMR
Descripción Electrónicos  BROADCAST MULTI-BAND RADIO RECEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4739-B20-GMR Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI4739-B20-GMR Datasheet HTML 7Page - Silicon Laboratories SI4739-B20-GMR Datasheet HTML 8Page - Silicon Laboratories SI4739-B20-GMR Datasheet HTML 9Page - Silicon Laboratories SI4739-B20-GMR Datasheet HTML 10Page - Silicon Laboratories SI4739-B20-GMR Datasheet HTML 11Page - Silicon Laboratories SI4739-B20-GMR Datasheet HTML 12Page - Silicon Laboratories SI4739-B20-GMR Datasheet HTML 13Page - Silicon Laboratories SI4739-B20-GMR Datasheet HTML 14Page - Silicon Laboratories SI4739-B20-GMR Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Si473x-B20
Rev. 0.5
11
Table 7. FM Receiver Characteristics1,2
(VDD = 2.7 to 5.5 V, VIO = 1.5 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Frequency
fRF
76
108
MHz
Sensitivity with Headphone
Network3,4,5
(S+N)/N = 26 dB
2.2
3.5
µV EMF
Sensitivity with 50
 Network3,4,5,6
(S+N)/N = 26 dB
1.1
µV EMF
RDS Sensitivity6
f = 2 kHz,
RDS BLER < 5%
—15—
µV EMF
LNA Input Resistance6,7
34
5
k
LNA Input Capacitance6,7
45
6
pF
Input IP36,8
100
105
dBµV EMF
AM Suppression3,4,6,7
m = 0.3
40
50
dB
Adjacent Channel Selectivity
±200 kHz
35
50
dB
Alternate Channel Selectivity
±400 kHz
60
70
dB
Spurious Response Rejection6
In-band
35
dB
Audio Output Voltage3,4,7
72
80
90
mVRMS
Audio Output L/R Imbalance3,7,9
——
1
dB
Audio Frequency Response Low6
–3 dB
30
Hz
Audio Frequency Response High6
–3 dB
15
kHz
Audio Stereo Separation7,9
25
dB
Audio Mono S/N3,4,5,7,10
55
63
dB
Audio Stereo S/N4,5,7,10,11
—58—
dB
Audio THD3,7,9
—0.1
0.5
%
De-emphasis Time Constant6
FM_DEEMPHASIS = 2
70
75
80
µs
FM_DEEMPHASIS = 1
45
50
54
µs
Audio Output Load Resistance6,10
RL
Single-ended
10
k
Audio Output Load Capacitance6,10
CL
Single-ended
50
pF
Notes:
1. Additional testing information is available in “AN388: Si470x/1x/2x/3x/4x Evaluation Test Board Procedure.”
Volume = maximum for all tests. Tested at RF = 98.1 MHz.
2. To ensure proper operation and receiver performance, follow the guidelines in “AN383: Si47xx Antenna, Schematic,
Layout and Design Guidelines.” Silicon Laboratories will evaluate schematics and layouts for qualified customers.
3. FMOD =1 kHz, 75 µs de-emphasis, MONO = enabled, and L = R unless noted otherwise.
4.
f = 22.5 kHz.
5. BAF = 300 Hz to 15 kHz, A-weighted.
6. Guaranteed by characterization.
7. VEMF =1 mV.
8. |f2 – f1| > 2 MHz, f0 =2x f1 – f2. AGC is disabled.
9.
f = 75 kHz.
10. At LOUT and ROUT pins.
11. Analog audio output mode.
12. At temperature (25°C).


Número de pieza similar - SI4739-B20-GMR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4739-B20 SILABS-SI4739-B20 Datasheet
624Kb / 38P
   BROADCAST WEATHER BAND RADIO RECEIVER
More results

Descripción similar - SI4739-B20-GMR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4736-B20 SILABS-SI4736-B20 Datasheet
624Kb / 38P
   BROADCAST WEATHER BAND RADIO RECEIVER
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
   Broadcast AM/FM Radio Receiver
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4730-C40-GM SILABS-SI4730-C40-GM Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4704-D50 SILABS-SI4704-D50 Datasheet
1Mb / 34P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com