Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD3021BR Datasheet(PDF) 3 Page - LightKey Optoelectronics Ltd.

No. de pieza LD3021BR
Descripción Electrónicos  LD3021A/B Series - 0.30 inch dual Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGHTKEY [LightKey Optoelectronics Ltd.]
Página de inicio  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD3021BR Datasheet(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LD3021BR Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD3021BR Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD3021BR Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121577
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.30 inch Dual Digit 7 Segment LED Display
Electrical Characteristics & Absolute Maximum Ratings
Electrical Characteristics
[1]
Absolute Maximum Ratings
[1]
Forward
Voltage@
IF=20mA
Color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[2]
Per Seg.
1.8
2.2
30
60
25
100
Super Red
Per DP
1.8
2.2
30
60
25
100
Per Seg.
1.8
2.2
30
60
25
100
Hi-Red
Per DP
1.8
2.2
30
60
25
100
Per Seg.
2.1
2.5
30
80
30
100
Orange
Per DP
2.1
2.5
30
80
30
100
Per Seg.
2.1
2.5
30
80
30
100
Yellow
Per DP
2.1
2.5
30
80
30
100
Per Seg.
2.2
2.5
30
80
30
100
Green
Per DP
2.2
2.5
30
80
30
100
Per Seg.
1.9
2.6
30
60
30
100
Ultra Red
Per DP
1.9
2.6
30
60
30
100
Per Seg.
2
2.6
30
65
30
100
Ultra
Orange
Per DP
2
2.6
30
65
30
100
Per Seg.
2
2.6
30
65
30
100
Ultra
Amber
Per DP
2
2.6
30
65
30
100
Per Seg.
2
2.6
30
65
30
100
Ultra
Yellow
Per DP
2
2.6
30
65
30
100
Per Seg.
2.1
2.6
30
75
30
100
Ultra
Green
Per DP
2.1
2.6
30
75
30
100
Per Seg.
3.5
4
30
110
30
100
Pure
Green
Per DP
3.5
4
30
110
30
100
Per Seg.
3.5
4
30
120
30
100
Ultra Blue
Per DP
3.5
4
30
120
30
100
Per Seg.
3.5
4
30
120
30
100
Ultra White
Per DP
3.5
4
30
120
30
100
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Número de pieza similar - LD3021BR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LightKey Optoelectronic...
LD30011AB LIGHTKEY-LD30011AB Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011ABRG LIGHTKEY-LD30011ABRG Datasheet
108Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011AD LIGHTKEY-LD30011AD Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011AG LIGHTKEY-LD30011AG Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011AO LIGHTKEY-LD30011AO Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
More results

Descripción similar - LD3021BR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LightKey Optoelectronic...
LD3014AB LIGHTKEY-LD3014AB Datasheet
152Kb / 3P
   LD3014A/B Series - 0.30 inch Single Digit 7 Segment LED Display
LD3011AB LIGHTKEY-LD3011AB Datasheet
153Kb / 3P
   LD3011A/B Series - 0.30 inch Single Digit 7 Segment LED Display
LD3031AB LIGHTKEY-LD3031AB Datasheet
203Kb / 3P
   LD3031A/B Series - 0.30 inch Three Digit 7 Segment LED Display
LD3011CD LIGHTKEY-LD3011CD Datasheet
160Kb / 3P
   LD3011C/D Series - 0.30 inch dual Digit 7 Segment LED Display
logo
LIGITEK electronics co....
LDD325-65-XX-PF LIGITEK-LDD325-65-XX-PF Datasheet
173Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 Inch)
LDD325-64-XX LIGITEK-LDD325-64-XX Datasheet
144Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 Inch)
logo
LightKey Optoelectronic...
LD5621AB LIGHTKEY-LD5621AB Datasheet
166Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD5624AB LIGHTKEY-LD5624AB Datasheet
167Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD5621CD LIGHTKEY-LD5621CD Datasheet
167Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
logo
LIGITEK electronics co....
LDD325-66-XX-PF LIGITEK-LDD325-66-XX-PF Datasheet
166Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 Inch)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com