Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT64LC20JATE13 Datasheet(PDF) 4 Page - Catalyst Semiconductor

No. de pieza CAT64LC20JATE13
Descripción Electrónicos  1K/2K/4K-Bit SPI Serial E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT64LC20JATE13 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT64LC20JATE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT64LC20JATE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT64LC20JATE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT64LC20JATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT64LC20JATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT64LC20JATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT64LC20JATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT64LC20JATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT64LC20JATE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Discontinued
Parts
4
CAT64LC10/20/40
Doc. No. 1021, Rev. C
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) This parameter is sampled but not 100% tested.
(3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
WRITE CYCLE LIMIITS
Symbol
Parameter
Min.
Max.
Units
tWR
Program Cycle Time
2.5V
10
ms
4.5V–6.0V
5
A.C. OPERATING CHARACTERISTICS
VCC = +2.5V to +6.0V, unless otherwise specified.
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
tCSS
CS Setup Time
100
ns
tCSH
CS Hold Time
100
ns
tDIS
DI Setup Time
200
ns
tDIH
DI Hold Time
200
ns
tPD1
Output Delay to 1
300
ns
tPD0
Output Delay to 0
300
ns
tHZ(2)
Output Delay to High Impendance
500
ns
tCSMIN
Minimum
CS High Time
250
ns
tSKHI
Minimum SK High Time
2.5V
1000
ns
4.5V–6.0V
400
tSKLOW
Minimum SK Low Time
2.5V
1000
ns
4.5V–6.0V
400
tSV
Output Delay to Status Valid
500
ns
fSK
Maximum Clock Frequency
2.5V
250
kHz
4.5V–6.0V
1000
tRESS
Reset to
CS Setup Time
0
ns
tRESMIN
Minimum RESET High Time
250
ns
tRESH
RESET to READY Hold Time
0
ns
tRC
Write Recovery
100
ns
POWER-UP TIMING(1)(3)
Symbol
Parameter
Min.
Max.
Units
tPUR
Power-Up to Read Operation
10
µs
tPUW
Power-Up to Program Operation
1
ms


Número de pieza similar - CAT64LC20JATE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT64LC20JATE13 CATALYST-CAT64LC20JATE13 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
More results

Descripción similar - CAT64LC20JATE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
ATMEL Corporation
AT25040A ATMEL-AT25040A Datasheet
392Kb / 18P
   SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com