Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA2901YFV-ME2 Datasheet(PDF) 10 Page - Rohm

No. de pieza BA2901YFV-ME2
Descripción Electrónicos  Automotive Ground Sense Comparators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA2901YFV-ME2 Datasheet(HTML) 10 Page - Rohm

Back Button BA2901YFV-ME2 Datasheet HTML 6Page - Rohm BA2901YFV-ME2 Datasheet HTML 7Page - Rohm BA2901YFV-ME2 Datasheet HTML 8Page - Rohm BA2901YFV-ME2 Datasheet HTML 9Page - Rohm BA2901YFV-ME2 Datasheet HTML 10Page - Rohm BA2901YFV-ME2 Datasheet HTML 11Page - Rohm BA2901YFV-ME2 Datasheet HTML 12Page - Rohm BA2901YFV-ME2 Datasheet HTML 13Page - Rohm BA2901YFV-ME2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
www.rohm.com © 2012 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RFR1G200550-1-2
TSZ22111・15・001
10/24
25.SEP.2012 Rev.001
BA2903Yxxx-M, BA2901Yxx-M
Datasheet
0
1
2
3
4
5
-100
-80
-60
-40
-20
0
OVER DRIVE VOLTAGE [mV]
○BA2903Yxxx-M
(*)The data above is measurement value of typical sample, it is not guaranteed.
Fig.18
Common Mode Rejection Ratio
– Ambient Temperature
Fig.19
Input Offset Voltage – Input Voltage
(VCC=5V)
Fig.20
Power Supply Rejection Ratio
– Ambient Temperature
Fig.21
Response Time (Low to High) – Over Drive Voltage
(VCC=5V, VRL=5V, RL=5.1k
Ω)
-6
-4
-2
0
2
4
6
-1
01
23
45
INPUT VOLTAGE [V]
0
25
50
75
100
125
150
-50
-25
0
255075
100 125 150
AMBIENT TEMPERATURE [℃]
60
80
100
120
140
160
180
200
-50
-25
0
255075
100 125 150
AMBIENT TEMPERATURE [℃]
36V
2V
5V
-40℃
25℃
125℃
-40℃
25℃
125℃


Número de pieza similar - BA2901YFV-ME2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA2901YFV-C ROHM-BA2901YFV-C Datasheet
382Kb / 17P
   Automotive Comparators:Ground Sense
BA2901YFV-C ROHM-BA2901YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YFV-CE2 ROHM-BA2901YFV-CE2 Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2901YFV-CE2 ROHM-BA2901YFV-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
BA2901YFV-CE2 ROHM-BA2901YFV-CE2 Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
More results

Descripción similar - BA2901YFV-ME2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com