Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D-602-76 Datasheet(PDF) 5 Page - Tyco Electronics

No. de pieza D-602-76
Descripción Electrónicos  SolderTacts Shielded One-Piece Solder Contacts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

D-602-76 Datasheet(HTML) 5 Page - Tyco Electronics

  D-602-76 Datasheet HTML 1Page - Tyco Electronics D-602-76 Datasheet HTML 2Page - Tyco Electronics D-602-76 Datasheet HTML 3Page - Tyco Electronics D-602-76 Datasheet HTML 4Page - Tyco Electronics D-602-76 Datasheet HTML 5Page - Tyco Electronics D-602-76 Datasheet HTML 6Page - Tyco Electronics D-602-76 Datasheet HTML 7Page - Tyco Electronics D-602-76 Datasheet HTML 8Page - Tyco Electronics D-602-76 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Shielded Contacts
8-71
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-04
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
8
SolderTacts Shielded One-Piece Solder Contacts (Continued)
Contact
United States
Cable Diameter
Raychem
Military
Air Force
Wire
SolderTacts
Size
Polarity
Cable Type
Specification
Drawing No.
JOD
SOD
DOD
COD
(AWG)
Part Number
Series I, III, and IV
M39029/60
a
3.81–5.94
3.10–4.32
1.52–3.84
.48–1.09
22–24
D-602-0122
8
P
Coaxial
[.150-.234]
[.150-.170]
[.060-.151]
[.019-.043]
M39029/59
a
3.81–5.94
3.10–4.32
1.52–3.84
.48–1.09
22–24
D-602-0123
8
S
Coaxial
[.150-.234]
[.150-.170]
[.060-.151]
[.019-.043]
M39029/76
a
915304-1
1.27–2.62
1.68–2.13
.91–1.73
.23–.58
26–30
D-602-0140
16
P
Coaxial
[.050-.103]
[.066-.084]
[.036-.068]
[.009-.023]
M39029/77
a
915305-1
1.27–2.62
1.68–2.13
.91–1.73
.23–.58
26–30
D-602-0141
16
S
Coaxial
[.050-.103]
[.066-.084]
[.036-.068]
[.009-.023]
M39029/76
a
915304-2
.64–1.09
.23–.58
26–30
D-602-0142
16
P
Twisted pair
[.025-.043]
[.009-.023]
M39029/77
a
915305-2
.64–1.09
.23–.58
26–30
D-602-0143
16
S
Twisted pair
[.025-.043]
[.009-.023]
M39029/28
a
915307-1
1.47–3.10
1.68–2.39
1.12–2.03
.48–.89
24–32
D-602-0144
12
P
Coaxial
[.058-.122]
[.066-.094]
[.044-.080]
[.019-.035]
M39029/75
a
915308-1
1.47–3.10
1.68–2.39
1.12–2.03
.48–.89
24–32
D-602-0145
12
S
Coaxial
[.058-.122]
[.066-.094]
[.044-.080]
[.019-.035]
M39029/28
a
915307-3
.74–1.45
.48–.89
22–26
D-602-0146
12
P
Twisted pair
[.029-.057]
[.019-.035]
M39029/75
a
915308-3
.74–1.45
.48–.89
22–26
D-602-0147
12
S
Twisted pair
[.029-.057]
[.019-.035]
M39029/28
a
915307-2
1.90–3.81
2.54–2.97
1.27–2.62
.48–.89
22, 28
D-602-0150
12
P
Coaxial
[.075-.150]
[.100-.117]
[.050-.103]
[.019-.035]
M39029/75
a
915308-2
1.90–3.81
2.54–2.97
1.27–2.62
.48–.89
22, 28
D-602-0151
12
S
Coaxial
[.075-.150]
[.100-.117]
[.050-.103]
[.019-.035]
8340712-OS-01
2.49–3.42
1.68–3.05
.76–1.24
.27–.79
24–26
D-602-1108
8
S
Twisted pairb
[.098-.135]
[.066-.120]
[.030-.049]
[.011-.031]
8340713-OS-01
2.49–3.42
1.68–3.05
.76–1.24
.27–.79
24–26
D-602-1109
8
P
Twisted pairb
[.098-.135]
[.066-.120]
[.030-.049]
[.011-.031]
——
2.49–3.76
1.68–3.30
.91–1.78
.23–.89
22–26
D-602-1110
8
S
Triaxial
[.098-.148]
[.066-.130]
[.036-.070]
[.009-.035]
——
2.49–3.76
1.68–3.30
.91–1.78
.23–.89
22–26
D-602-1111
8
P
Triaxial
[.098-.148]
[.066-.130]
[.036-.070]
[.009-.035]
8340712-OL-01
2.49–3.42
1.68–3.05
.76–1.24
.27–.79
24–26
D-602-1112
8
S
Twisted pairb
[.098-.135]
[.066-.120]
[.030-.049]
[.011-.031]
8340713-OL-01
2.49–3.42
1.68–3.05
.76–1.24
.27–.79
24–26
D-602-1113
8
P
Twisted pairb
[.098-.135]
[.066-.120]
[.030-.049]
[.011-.031]
M39029/90
a
8912020-OS-01
3.68
.64–1.29
.27–.74
24–26
DK-602-0156-N-1
8
P
Twinaxialc
[.145 ] Max.
[.029-.051]
[.011-.029]
M39029/90
a
8912020-DL-01
4.11
.64–1.29
.27–.74
24–26
DK-602-0156-N-2
8
P
Twinaxialc
[.162] Max.
[.029-.051]
[.011-.029]
a These SolderTacts contacts are intermateable and intermountable with contacts qualified to indicated specification; they replace crimp-style termination.
b These SolderTacts contacts are designed for shielded twisted pair cable per MIL-STD-1553B.
c These SolderTacts contacts are designed for databus contacts per MIL-STD-1553B.
SolderTacts Product Construction, MIL-C-38999 Series
Jacket
(JOD)
Shield
(SOD)
Dielectric
(DOD)
Conductor
(COD)
SolderTacts Series:
MIL-C-38999, Series I, II,
III, IV Circular Connectors


Número de pieza similar - D-602-76

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PANDUIT CORP.
D-602-73 PANDUIT-D-602-73 Datasheet
182Kb / 1P
   SHIELDED CONTACT, SOCKET COAXIAL CABLE
More results

Descripción similar - D-602-76

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
SS-7488S-GY-PG1 BEL-SS-7488S-GY-PG1 Datasheet
174Kb / 2P
   ONE PIECE SHIELDED SINGLE PORT LED JACK
logo
NEC
PS4601 NEC-PS4601 Datasheet
101Kb / 4P
   ONE PIECE PHOTO INTERRUPTER
logo
Molex Electronics Ltd.
0747370010 MOLEX1-0747370010 Datasheet
35Kb / 1P
   SFP One Piece Cage, EMI Shielding, 3.38mm Solder Post Tails
logo
Vishay Siliconix
157 VISHAY-157 Datasheet
126Kb / 4P
   Rugged one piece metal housing
06-Nov-15
logo
List of Unclassifed Man...
V711 ETC2-V711 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V704 ETC2-V704 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V5744S ETC2-V5744S Datasheet
1Mb / 9P
   One-Piece Steel Surface Raceway
logo
Samtec, Inc
FSI SAMTEC-FSI Datasheet
512Kb / 6P
   1,00 mm One Piece Interface
logo
Lapp.
61721340 LAPP-61721340 Datasheet
72Kb / 1P
   RSK one-piece screen connector
13.03.2019
logo
Samtec, Inc
FSI-110-03-G-D-AD SAMTEC-FSI-110-03-G-D-AD Datasheet
1Mb / 2P
   LOW PROFILE & ELEVATED ONE PIECE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com