Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
D-602-0172 Datasheet(PDF) 9 Page - Tyco Electronics |
|
D-602-0172 Datasheet(HTML) 9 Page - Tyco Electronics |
9 / 9 page Shielded Contacts 8-75 Catalog 1654025 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 12-04 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Japan: 81-44-900-5102 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Singapore: 65-4866-151 www.tycoelectronics.com are U.S. equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-1793-528171 8 SolderTacts Shielded One-Piece Solder Contacts (Continued) Raychem SolderTacts Size Polarity Reference D-600-0071 — For shielded twisted pair D-600-0116 For size 8 DOD-C-83527 series — D-600-0125 For size 8 MIL-C-38999 series, for twisted pair — Performance The performance of SolderTacts contacts is defined by the applicable Raychem specification con- trol drawing (SCD) and Raychem Specification D-6002. Products on quali- fied product lists meet the requirements of the base specification. Termination Termination of SolderTacts contacts is defined in the appropriate Raychem Engineering Standard. To obtain a copy, contact Tyco Electronics. SolderTacts Series: Grommets |
Número de pieza similar - D-602-0172 |
|
Descripción similar - D-602-0172 |