Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA4560YFV-ME2 Datasheet(PDF) 10 Page - Rohm

No. de pieza BA4560YFV-ME2
Descripción Electrónicos  Automotive Low Noise Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA4560YFV-ME2 Datasheet(HTML) 10 Page - Rohm

Back Button BA4560YFV-ME2 Datasheet HTML 6Page - Rohm BA4560YFV-ME2 Datasheet HTML 7Page - Rohm BA4560YFV-ME2 Datasheet HTML 8Page - Rohm BA4560YFV-ME2 Datasheet HTML 9Page - Rohm BA4560YFV-ME2 Datasheet HTML 10Page - Rohm BA4560YFV-ME2 Datasheet HTML 11Page - Rohm BA4560YFV-ME2 Datasheet HTML 12Page - Rohm BA4560YFV-ME2 Datasheet HTML 13Page - Rohm BA4560YFV-ME2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200640-1-2
©2013 ROHM Co., Ltd. All rights reserved.
10/17
1.Mar.2013 Rev.001
TSZ22111・15・001
BA4560Yxxx-M
○ BA4560Yxxx-M
(*) The above data is measurement value of typical sample, it is not guaranteed.
Figure 18.
Power Supply Rejection Ratio
- Ambient Temperature
(VCC/VEE=+4V/-4V ~ +15V/-15V)
0
25
50
75
100
125
150
-50
-25
0
255075
100
125
AMBIENT TEMPERATURE [
℃]
Figure 19.
Slew Rate - Supply Voltage
(CL=100pF, RL=2k
Ω, Ta=25℃)
0.0
1.0
2.0
3.0
4.0
5.0
±2
±4
±6
±8
±10
±12
±14
±16
SUPPLY VOLTAGE [V]
Figure 21.
Total Harmonic Distortion - Output Voltage
(VCC/VEE=+15V/-15V, Av=20dB,
RL=2k
Ω, 80kHz-LPF, Ta=25℃)
0.0001
0.001
0.01
0.1
1
0.1
1
10
OUTPUT VOLTAGE [Vrms]
20Hz
1kHz
20kHz
Figure 20.
Equivalent Input Noise Voltage - Frequency
(VCC/VEE=+15V/-15V, RS=100
Ω, Ta=25℃)
0
20
40
60
80
1
10
100
1000
10000
FREQUENCY [Hz]


Número de pieza similar - BA4560YFV-ME2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA4560 ROHM-BA4560 Datasheet
53Kb / 4P
   Dual high slew rate operational amplifier
logo
List of Unclassifed Man...
BA4560 ETC2-BA4560 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Rohm
BA4560F ROHM-BA4560F Datasheet
53Kb / 4P
   Dual high slew rate operational amplifier
BA4560F ROHM-BA4560F Datasheet
252Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
BA4560F ROHM-BA4560F Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
More results

Descripción similar - BA4560YFV-ME2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA4558YFV-M ROHM-BA4558YFV-M Datasheet
480Kb / 20P
   Automotive Low Noise Operational Amplifiers
BA4558YF-M ROHM-BA4558YF-M Datasheet
480Kb / 20P
   Automotive Low Noise Operational Amplifiers
BA4584YFV-M ROHM-BA4584YFV-M Datasheet
911Kb / 30P
   Automotive Low Noise Operational Amplifiers
BA4580YFM ROHM-BA4580YFM Datasheet
814Kb / 30P
   Automotive Low Noise Operational Amplifiers
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com