Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

054794 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

No. de pieza 054794
Descripción Electrónicos  CompactPCI Connectors acc. to PIGMG 2.0 Rev. 3.0
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

054794 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 054794 Datasheet HTML 4Page - List of Unclassifed Manufacturers 054794 Datasheet HTML 5Page - List of Unclassifed Manufacturers 054794 Datasheet HTML 6Page - List of Unclassifed Manufacturers 054794 Datasheet HTML 7Page - List of Unclassifed Manufacturers 054794 Datasheet HTML 8Page - List of Unclassifed Manufacturers 054794 Datasheet HTML 9Page - List of Unclassifed Manufacturers 054794 Datasheet HTML 10Page - List of Unclassifed Manufacturers 054794 Datasheet HTML 11Page - List of Unclassifed Manufacturers 054794 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Back
Metal plating of plated-through hole


Número de pieza similar - 054794

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0547220164 MOLEX7-0547220164 Datasheet
783Kb / 8P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical1.50mm (.059") Stacking Height, Lower Circuit Size Version, 16 Circuits, Gold (Au)Plating with Nickel (Ni) Barrier Plating Between Contact and Tail
0547220204 MOLEX7-0547220204 Datasheet
783Kb / 8P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical,1.50mm (.059") Stacking Height, Lower Circuit Size Version, 20 Circuits, Gold Platingwith Nickel Barrier Plating Between Contact and Tail
0547220207 MOLEX11-0547220207 Datasheet
723Kb / 7P
   0.5 B-TO-B CONN REC HOUSING ASSY (HGT-1.5) (SHEET 1 OF 2)
0547220224 MOLEX7-0547220224 Datasheet
783Kb / 9P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical1.50mm (.059") Stacking Height, Lower Circuit Size Version, 22 Circuits, Gold Platingwith Nickel Barrier Plating Between Contact and Tail
0547220228 MOLEX11-0547220228 Datasheet
38Kb / 1P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 1.50mm (.059") Stacking Height, Lower Circuit Size Version, 22 Circuits
More results

Descripción similar - 054794

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
SS-52100-001 BEL-SS-52100-001_V01 Datasheet
524Kb / 1P
   USB 2.0 and 3.0 Connectors
logo
Hynix Semiconductor
HMS9XC7132 HYNIX-HMS9XC7132 Datasheet
264Kb / 34P
   DATA SHEET REV.2.0(PRELIMINARY)
logo
Freescale Semiconductor...
68HC05BD7 FREESCALE-68HC05BD7 Datasheet
680Kb / 85P
   SPECIFICATION REV 2.0 (General Release)
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4641-X921 VACUUMSCHMELZE-T60404-N4641-X921 Datasheet
512Kb / 7P
   Differential Current Sensor acc. to the standard UL2231 Ed.2.0
logo
CONEC Elektronische Bau...
CPH38W23MARASK9X CONEC-CPH38W23MARASK9X Datasheet
70Kb / 1P
   CompactPCI
logo
M/A-COM Technology Solu...
MAAL-007304 MA-COM-MAAL-007304 Datasheet
211Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz Rev. V4
logo
Lumberg
SV LUMBERG-SV Datasheet
554Kb / 4P
   Circular connectors with threaded joint M16 acc.
logo
Advantech Co., Ltd.
ULI-414LIB ADVANTECH-ULI-414LIB Datasheet
967Kb / 4P
   Industrial USB 2.0 & 3.0 Hubs
22-Jun-2022
logo
NXP Semiconductors
MC68HC908QY4A NXP-MC68HC908QY4A Datasheet
3Mb / 202P
   Addendum to MC68HC908QY4A, rev. 3
5/2012 Rev. 3
logo
Freescale Semiconductor...
MC908QY8CDWE FREESCALE-MC908QY8CDWE Datasheet
1Mb / 232P
   Addendum to MC68HC908QB8, rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com