Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT24WC02LA-TE13F Datasheet(PDF) 7 Page - Catalyst Semiconductor |
|
CAT24WC02LA-TE13F Datasheet(HTML) 7 Page - Catalyst Semiconductor |
7 / 9 page CAT24WC01/02/04/08/16 7 Doc. No. 25051-00 3/98 S-1 24WCXX F09 Figure 7. Page Write Timing 5020 FHD F08 Figure 6. Byte Write Timing * P=7 for CAT24WC01 and P=15 for CAT24WC02/04/08/16 * = Don't care for CAT24WC01 BUS ACTIVITY: MASTER SDA LINE DATA n+P BYTE ADDRESS (n) A C K A C K DATA n A C K S T O P S A C K DATA n+1 A C K S T A R T P SLAVE ADDRESS NOTE: IN THIS EXAMPLE n = XXXX 0000(B); X = 1 or 0 * the Byte Write operation, however instead of terminating after the initial word is transmitted, the Master is allowed to send up to P (P=7 for 24WC01 and P=15 for CAT24WC02/04/08/16) additional bytes. After each byte has been transmitted the CAT24WC01/02/04/08/16 will respond with an acknowledge, and internally increment the low order address bits by one. The high order bits remain unchanged. If the Master transmits more than P+1 bytes prior to sending the STOP condition, the address counter ‘wraps around’, and previously transmitted data will be overwrit- ten. Once all P+1 bytes are received and the STOP condition has been sent by the Master, the internal programming cycle begins. At this point all received data is written to the CAT24WC01/02/04/08/16 in a single write cycle. Acknowledge Polling The disabling of the inputs can be used to take advan- tage of the typical write cycle time. Once the stop condition is issued to indicate the end of the host’s write operation, the CAT24WC01/02/04/08/16 initiates the internal write cycle. ACK polling can be initiated imme- diately. This involves issuing the start condition followed by the slave address for a write operation. If the CAT24WC01/02/04/08/16 is still busy with the write operation, no ACK will be returned. If the CAT24WC01/ 02/04/08/16 has completed the write operation, an ACK will be returned and the host can then proceed with thenext read or write operation. WRITE PROTECTION The Write Protection feature allows the user to protect against inadvertent programming of the memory array. If the WP pin is tied to VCC, the entire memory array is protected and becomes read only. The CAT24WC01/ 02/04/08/16 will accept both slave and byte addresses, but the memory location accessed is protected from programming by the device’s failure to send an acknowl- edge after the first byte of data is received. READ OPERATIONS The READ operation for the CAT24WC01/02/04/08/16 is initiated in the same manner as the write operation with the one exception that the R/ W bit is set to a one. Three different READ operations are possible: Immedi- ate Address READ, Selective READ and Sequential READ. Immediate Address Read The CAT24WC01/02/04/08/16’s address counter con- tains the address of the last byte accessed, incremented by one. In other words, if the last READ or WRITE access was to address N, the READ immediately follow- ing would access data from address N+1. If N=E (where E = 127 for 24WC01, 255 for 24WC02, 511 for 24WC04, 1023 for 24WC08, and 2047 for 24WC16), then the counter will 'wrap around' to address 0 and continue to BYTE ADDRESS SLAVE ADDRESS S A C K A C K DATA A C K S T O P P BUS ACTIVITY: MASTER SDA LINE S T A R T |
Número de pieza similar - CAT24WC02LA-TE13F |
|
Descripción similar - CAT24WC02LA-TE13F |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |