Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BD2062FJ-LB Datasheet(PDF) 1 Page - Rohm |
|
BD2062FJ-LB Datasheet(HTML) 1 Page - Rohm |
1 / 25 page Datasheet ○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays 1/22 www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved. TSZ22111・14・001 TSZ02201-0E3E0H300360-1-2 21.Feb.2014 Rev.002 2ch High Side Switch ICs for USB Devices and Memory Cards BD2062FJ-LB BD2066FJ-LB General Description This is the product guarantees long time support in Industrial market. High side switch for USB is a high side switch having over-current protection used in power supply line of universal serial bus (USB). Its switch unit has two channels of N-channel power MOSFET. And, over-current detection circuit, thermal shutdown circuit, under-voltage lockout and soft-start circuit are built in. Features Long time support a product for Industrial applications. Dual N-MOS High Side Switch Current Limit Threshold 2.4A Control input logic Active-Low : BD2062FJ Active-High: BD2066FJ Soft-Start Circuit Over-Current Detection Thermal Shutdown Under-Voltage Lockout Open-Drain Error Flag Output Reverse Current Protection When Power Switch Off Flag Output Delay Filter Built In TTL Enable Input 0.8ms Typical Rise Time Applications Industrial Equipment, PC, PC peripheral USB hub in consumer appliances, Key Specifications Input voltage range: 2.7V to 5.5V ON resistance : 80m Ω(Typ.) Over current threshold: 1.5A min., 3.0A max. Standby current: 0.01 μA (Typ.) Operating temperature range: -40℃ to +85℃ Package W(Typ.) D(Typ.) H (Max.) SOP-J8 4.90mm x 6.00mm x 1.65mm Car accessory, and so forth Typical Application Circuit Lineup Over current detection Control input logic Package Orderable Part Number Min. Typ. Max. 1.5A 2.4A 3.0A Low SOP-J8 Reel of 2500 BD2062FJ – LBE2 1.5A 2.4A 3.0A High SOP-J8 Reel of 2500 BD2066FJ – LBE2 SOP-J8 GND IN /EN1 (EN1) /OC1 OUT1 OUT2 /OC2 5V(Typ.) BD2062FJ/66FJ CL Data /EN2 (EN2) CIN Data CL |
Número de pieza similar - BD2062FJ-LB |
|
Descripción similar - BD2062FJ-LB |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |