Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT64LC20PTE13 Datasheet(PDF) 9 Page - Catalyst Semiconductor

No. de pieza CAT64LC20PTE13
Descripción Electrónicos  1K/2K/4K-Bit SPI Serial E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT64LC20PTE13 Datasheet(HTML) 9 Page - Catalyst Semiconductor

  CAT64LC20PTE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT64LC20PTE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT64LC20PTE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT64LC20PTE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT64LC20PTE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT64LC20PTE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT64LC20PTE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT64LC20PTE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT64LC20PTE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Discontinued
Parts
9
CAT64LC10/20/40
Doc. No. 1021, Rev. C
RESET
The RESET pin, when set to HIGH, will reset or abort a
WRITE operation. When RESET is set to HIGH while the
WRITE instruction is being entered, the device will not
execute the WRITE instruction and will keep DO in High-
Z condition.
When RESET is set to HIGH, while the device is in a
clear/write cycle, the device will abort the operation and
will display READY status on the RDY/
BSY pin and on
the DO pin if
CS is low.
The RESET input affects only the WRITE and WRITE
ALL operations. It does not reset any other operations
such as READ, EWEN and EWDS.
ERASE/WRITE ENABLE and DISABLE
The CAT64LC10/20/40 powers up in the erase/write
disabled state. After power-up or while the device is in an
erase/write disabled state, any write operation must be
preceded by an execution of the EWEN instruction.
Once enabled, the device will stay enabled until an
EWDS has been executed or a power-down has occured.
The EWDS is used to prevent any inadvertent over-
writing of the data. The EWEN and EWDS instructions
have no affect on the READ operation and are not
affected by the RESET input.
Figure 8. EWDS Instruction Timing
SK
DI
CS
DO
RESET
10100000
HIGH-Z
HIGH
RDY/
BUSY


Número de pieza similar - CAT64LC20PTE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT64LC20PTE13 CATALYST-CAT64LC20PTE13 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
More results

Descripción similar - CAT64LC20PTE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
ATMEL Corporation
AT25040A ATMEL-AT25040A Datasheet
392Kb / 18P
   SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com