Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24WC17UI-1.8TE13 Datasheet(PDF) 7 Page - Catalyst Semiconductor

No. de pieza CAT24WC17UI-1.8TE13
Descripción Electrónicos  2K/4K/8K/16K-Bit Serial E2PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC17UI-1.8TE13 Datasheet(HTML) 7 Page - Catalyst Semiconductor

  CAT24WC17UI-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC17UI-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC17UI-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC17UI-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC17UI-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC17UI-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC17UI-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC17UI-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CAT24WC03/05/09/17
7
Doc. No. 25063-00 2/98 S-1
Preliminary
the low order address bits by one. The high order bits
remain unchanged.
If the Master transmits more than 16 bytes prior to
sending the STOP condition, the address counter ‘wraps
around’, and previously transmitted data will be overwrit-
ten.
Once all 16 bytes are received and the STOP condition
has been sent by the Master, the internal programming
cycle begins. At this point all received data is written to
the CAT24WC03/05/09/17 in a single write cycle.
Acknowledge Polling
The disabling of the inputs can be used to take advan-
tage of the typical write cycle time.
Once the stop
condition is issued to indicate the end of the host’s write
operation, the CAT24WC03/05/09/17 initiates the inter-
nal write cycle. ACK polling can be initiated immediately.
This involves issuing the start condition followed by the
slave address for a write operation. If the CAT24WC03/
05/09/17 is still busy with the write operation, no ACK will
be returned. If the CAT24WC03/05/09/17 has com-
pleted the write operation, an ACK will be returned and
the host can then proceed with the next read or write
operation.
WRITE PROTECTION
The Write Protection feature allows the user to protect
against inadvertent programming of the memory array.
If the WP pin is tied to VCC, the upper half (locations 80H
to FFH for 24WC03, locations 100H to 1FFH for 24WC05,
locations 200H to 3FFH for 24WC09, locations 400H to
7FFH for 24WC17) of the memory array is protected and
becomes read only. The CAT24WC03/05/09/17 will
accept both slave and byte addresses, but the memory
location accessed is protected from programming by the
device’s failure to send an acknowledge after the first
byte of data is received.
READ OPERATIONS
The READ operation for the CAT24WC03/05/09/17 is
initiated in the same manner as the write operation with
the one exception that the R/
W bit is set to a one. Three
different READ operations are possible: Immediate Ad-
dress READ, Selective READ and Sequential READ.
Immediate Address Read
The CAT24WC03/05/09/17’s address counter contains
the address of the last byte accessed, incremented by
one. In other words, if the last READ or WRITE access
was to address N, the READ immediately following
would access data from address N+1. If N=E (where E
= 255 for 24WC03, 511 for 24WC05, 1023 for 24WC09,
and 2047 for 24WC17), then the counter will ‘wrap
around’ to address 0 and continue to clock out data.
After the CAT24WC03/05/09/17 receives its slave ad-
dress information (with the R/
W bit set to one), it issues
an acknowledge, then transmits the 8-bit byte requested.
The master device does not send an acknowledge but
will generate a STOP condition.
Selective Read
Selective READ operations allow the Master device to
select at random any memory location for a READ
operation. The Master device first performs a ‘dummy’
write operation by sending the START condition, slave
address and byte address of the location it wishes to
read. After the CAT24WC03/05/09/17 acknowledge the
word address, the Master device resends the START
condition and the slave address, this time with the R/
W
bit set to one. The CAT24WC03/05/09/17 then responds
with its acknowledge and sends the 8-bit byte requested.
5020 FHD F10
Figure 8. Immediate Address Read Timing
SCL
SDA
8TH BIT
STOP
NO ACK
DATA OUT
89
SLAVE
ADDRESS
S
A
C
K
DATA
N
O
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T


Número de pieza similar - CAT24WC17UI-1.8TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24WC128 CATALYST-CAT24WC128 Datasheet
43Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
CAT24WC128 CATALYST-CAT24WC128 Datasheet
404Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24WC12833JA-1.8TE13 CATALYST-CAT24WC12833JA-1.8TE13 Datasheet
404Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24WC12833JATE13 CATALYST-CAT24WC12833JATE13 Datasheet
404Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24WC12833JI-1.8TE13 CATALYST-CAT24WC12833JI-1.8TE13 Datasheet
404Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
More results

Descripción similar - CAT24WC17UI-1.8TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
List of Unclassifed Man...
24A01 ETC2-24A01 Datasheet
1Mb / 24P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com