Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPP150-112 Datasheet(PDF) 2 Page - TRACO Electronic AG

No. de Pieza. TPP150-112
Descripción  AC/DC Power Supplies
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TRACOPOWER [TRACO Electronic AG]
Página de inicio  http://www.tracopower.com
Logo 

TPP150-112 Datasheet(HTML) 2 Page - TRACO Electronic AG

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.tracopower.com
Page 2 of 4
AC/DC Power Supplies
TPP-150 Series
150 Watt
Input Specifications
Input voltage range
– AC range (universal input)
85 – 264 VAC
– DC range
120 – 370 VDC
Input frequency
47 – 63 Hz
Input current at full load
– at 115 VAC / 230 VAC
1.7 A max. / 0.8 A max.
Input protection
T3.15 A/250 VAC (internal fuse in both line & neutral)
Harmonic limits
EN 61000-3-2, Class A & D
– Power factor
0.95
Output Specifications
Voltage set accuracy
±1%
Regulation
– Input variation
0.2% max.
– Load variation (0 - 100%)
0.5% max.
Minimum load
not required
Temperature coefficient
0.02%/K
Hold-up time
– Vin = 115 VAC / 230 VAC
16 ms min.
Start-up time
<1s
Rise time
20ms typ.
Output voltage adjustment
±10%
Ripple and noise (20Mhz Bandwidth)
12 VDC model: 120 mVp-p typ. with cap. 1µF/25V 1206 X7R MLCC
15 VDC model: 150 mVp-p typ. with cap. 1µF/25V 1206 X7R MLCC
24 VDC model: 220 mVp-p typ. with cap. 1µF/50V 1206 X7R MLCC
36 VDC model: 250 mVp-p typ. with cap. 1µF/50V 1206 X7R MLCC
48 VDC model: 250 mVp-p typ. withcap.0.1µF/100V1206X7RMLCC
Overvoltage protection
115 – 135% of nominal Vout
Overload protection by current limit
at 115 – 150% Iout max.
Short circuit protection
continuous (automatic recovery)
Transiente response
– Peak deviation
3% of Vout
(25% load step change)
– Recovery time
500µs
General Specifications
Operating temperature
–25°C to +80°C with derating see below
Output power derating
– Temperature
2.33 %/K above +50°C
– Low input voltage
1.33 %/V below 100 VAC
Storage temperature
–40°C to +85°C
Humidity (non condensing)
0 – 90 % rel. H max.
Altitude during operation
5000 m
Switching frequency
60 kHz typ. (pulse width modulation)
Isolation voltage 1min (2 x MOPP insulation)
– Input / Output
4000 VAC
– Input / Case
1500 VAC
Leakage current (at 264 VAC/60Hz)
100 µA max.
Isolation resistance (at 500 VDC)
100 Mohm min.
Reliability, calculated MTBF at +25°C acc. to IEC 61709
> 790‘000h
Protection class
class II prepared
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn