Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLA7081MPR Datasheet(PDF) 8 Page - Sanken electric

No. de pieza SLA7081MPR
Descripción Electrónicos  Unipolar 2-Phase Stepping Motor Driver ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7081MPR Datasheet(HTML) 8 Page - Sanken electric

Back Button SLA7081MPR Datasheet HTML 4Page - Sanken electric SLA7081MPR Datasheet HTML 5Page - Sanken electric SLA7081MPR Datasheet HTML 6Page - Sanken electric SLA7081MPR Datasheet HTML 7Page - Sanken electric SLA7081MPR Datasheet HTML 8Page - Sanken electric SLA7081MPR Datasheet HTML 9Page - Sanken electric SLA7081MPR Datasheet HTML 10Page - Sanken electric SLA7081MPR Datasheet HTML 11Page - Sanken electric SLA7081MPR Datasheet HTML 12Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
SANKEN ELECTRIC CO., LTD.
28610.23, Rev. 1
Unipolar 2-Phase Stepping Motor Driver ICs
SLA7080M Series
> VOCP the motor coil short-circuit protection starts its operation.
Coil short circuit and the protection circuit behavior are illus-
trated in figure 4.
Motor Coil Open Protection
(Load Open Circuit)
(Patent pending.) This function operates by detecting polarity
reversal of voltage VRS on the internal sense resistors. After the
state is confirmed, the device shuts down the outputs. This allows
detection of a wire of the motor coil breaking. Coil open circuit
and the protection circuit behavior are illustrated in figure 5.
In a unipolar topology, an undetected broken wire on an out-
put pin (motor coil), can cause destruction of the driver due to
overheating. This is because after the wire breaks, the connected
driver MOSFET repeatedly undergoes avalanche breakdown
at PWM turn-off, due to the higher energy applied from back
electromagnetic force, as the energy stored in the motor coil is
dissipated. Avalanche breakdown occurs when the output voltage
surpasses the breakdown voltage between the drain and source of
the MOSFET. Although the MOSFETs in the SLA7080M series
have an ample avalanche breakdown rating for rated operating
temperatures, the avalanche breakdown rating decreases as the
operating temperature rises (as avalanche breakdown is repeated).
When the SLA7080M series protection circuit detects avalanche
breakdown, it allows the breakdown to repeat 3 times to prevent
false detections and then turns off the MOSFET outputs before
overheating can occur.
The detection function operates as follows. When the wire of
the motor coil is broken, the regenerating current that can reach
the MOSFET breakdown level flows during the PWM off-time.
Although the detection voltage, VRS, has negative potential in
normal operation, when a wire breaks in the motor coil, positive
potential appears during a PWM off-time. That is to say, wire
breakage in the motor coil can be detected, when VRS is detected
with positive potential during PWM off-time.
In addition to requiring three breakdown cycles to confirm the
Figure
4. Motor coil short circuit protection operation
Figure 5. Motor coil open circuit protection in unipolar configuration, (A) PWM normal
operation, (B) PWM operation with motor partially disconnected or broken wire in coil;
VM is the motor control voltage
SLA7080M
0
VREF
VOCP
Coil short circuit
VG
VG
Stepper
Motor
Normal current
VRS
RS
VRS
Output disable
Coil short circuit
SLA7080M
0
VREF
0
0
VG
VOUT
VOUT
VM
2 × VM
VDSS
VG
Stepper
Motor
IOFF
ION
VOUT
VRS
RS
VRS
IOFF
ION
SLA7080M
0
VREF
Avalanche breakdown
0
0
VG
VG
Stepper
Motor
Disconnection
RS
VRS
Open detection
(A)
(B)


Número de pieza similar - SLA7081MPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SLA7000 ETC-SLA7000 Datasheet
188Kb / 4P
   CMOS HIGH SPEED GATE ARRAY
logo
Sanken electric
SLA7020 SANKEN-SLA7020 Datasheet
99Kb / 10P
   Unipolar Driver ICs
SLA7020M SANKEN-SLA7020M Datasheet
99Kb / 10P
   Unipolar Driver ICs
SLA7021 SANKEN-SLA7021 Datasheet
99Kb / 10P
   Unipolar Driver ICs
SLA7021M SANKEN-SLA7021M Datasheet
99Kb / 10P
   Unipolar Driver ICs
More results

Descripción similar - SLA7081MPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
logo
Shindengen Electric Mfg...
MTD1120F SHINDENGEN-MTD1120F Datasheet
408Kb / 2P
   Stepping Motor Driver ICs
MTD1110 SHINDENGEN-MTD1110 Datasheet
435Kb / 2P
   Stepping Motor Driver ICs
MTD1120 SHINDENGEN-MTD1120 Datasheet
421Kb / 2P
   Stepping Motor Driver ICs
MTD2001 SHINDENGEN-MTD2001 Datasheet
441Kb / 2P
   Stepping Motor Driver ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com